Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRV9002
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRV9002 Datasheet HTML 9Page - Analog Devices ADRV9002 Datasheet HTML 10Page - Analog Devices ADRV9002 Datasheet HTML 11Page - Analog Devices ADRV9002 Datasheet HTML 12Page - Analog Devices ADRV9002 Datasheet HTML 13Page - Analog Devices ADRV9002 Datasheet HTML 14Page - Analog Devices ADRV9002 Datasheet HTML 15Page - Analog Devices ADRV9002 Datasheet HTML 16Page - Analog Devices ADRV9002 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 13 of 100
Table 2. Receivers (Rx1A, Rx1B, Rx2A, and Rx2B)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
5800 MHz
70
dB
1 Note that the input signal power limit does not correspond to 0 dBFS at the digital output because of the nature of the continuous time Σ-Δ ADCs. Unlike the hard clipping
characteristic of pipeline ADCs, these converters exhibit a soft overload behavior when the input approaches the maximum level.
INTERNAL LO, EXTERNAL LO, AND DEVICE CLOCK
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LO
Frequency Step
2.2
Hz
For 38.4 MHz DEV_CLK1, use the
equation DEV_CLK/((223 − 15) × 2) to
calculate, assuming the LO divider is 2
Reference Spurs
−80
dBc
LO < 1 GHz, PLL bandwidth = 300 kHz
LO WITH HIGH PERFORMANCE MODE
Integrated Phase Noise
Integrated from 100 Hz to 50 MHz
30 MHz LO
0.008
°rms
PLL bandwidth = 300 kHz
470 MHz LO
0.04
°rms
PLL bandwidth = 300 kHz
900 MHz LO
0.08
°rms
PLL bandwidth = 300 kHz
2400 MHz LO
0.22
°rms
PLL bandwidth = 300 kHz
3500 MHz LO
0.27
°rms
PLL bandwidth = 300 kHz
5800 MHz LO
0.6
°rms
PLL bandwidth = 300 kHz
Phase Noise
DEV_CLK = 38.4 MHz, typical
performance
30 MHz LO
See Figure 354
PLL bandwidth = 300 kHz
470 MHz LO
See Figure 355
PLL bandwidth = 300 kHz
900 MHz LO
See Figure 356
PLL bandwidth = 300 kHz
2400 MHz LO
See Figure 357
PLL bandwidth = 300 kHz
3500 MHz LO
See Figure 358
PLL bandwidth = 300 kHz
5800 MHz LO
See Figure 359
PLL bandwidth = 300 kHz
LO PHASE SYNCHRONIZATION
Initial Phase Synchronization Accuracy
3
Degrees
EXTERNAL LO INPUT
Input Frequency
Input frequency must be 2× or higher
than the desired frequency for the
LO frequency (fLO), a 1× multiplier is
available for an LO range from 500
MHz to 1 GHz
fEXTLO
60
12000
MHz
Input Signal Power
−6
0
+6
dBm
50 Ω matching at the source
Input Signal Differential Phase Balance
20
Degrees
Do not exceed 20 degrees to ensure
adequate quadrature error correction
Input Signal Differential Amplitude Balance
1
dB
Input Signal Duty Cycle
2.5
%
Input Impedance
100
Ω
Differential, see the ADRV9001 system
development user guide for more
information
REFERENCE CLOCK (DEV_CLK_IN SIGNAL)
Differential mode
Frequency Range
10
1000
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com