Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70024SEHL/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL70024SEHL/PROTO
Description  200V, 7.5A Enhancement Mode GaN Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70024SEHL/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL70024SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FN8976 Rev.6.03
Page 6
Mar 28, 2024
ISL70024SEH, ISL73024SEH Datasheet
3.4
Electrical Specifications
Unless otherwise noted, VDS = 160V. Boldface limits apply across the operating temperature range, -55°C to +125°C; over a
total ionizing dose of 100krad(Si) with exposure at a high dose rate of 50-300rad(Si)/s (ISL70024SEH only); or over a total
ionizing dose of 75krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Min[1]
1. Parameters with MIN and/or MAX limits are 100% tested at -55°C, +25°C, and +125°C, unless otherwise specified.
Typ[2]
2. Typical values shown are not guaranteed.
Max[1]
Unit
Static Characteristics
Drain-to-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 125µA
200
--
V
Drain-to-Source Leakage Current
IDSS
VDS = 160V, VGS = 0V
-
1
115
µA
Drain-to-Gate Leakage Current
IGSX
VDS = 160V, VGS = 0V
-
1
115
µA
Gate-to-Source Forward Leakage
IGSS
VGS = 5V
-
0.8
2.5
mA
Gate-to-Source Reverse Leakage
VGS = -4V
-100
-20
-
µA
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 1.5mA
0.8
1.4
2.5
V
Drain-to-Source ON-Resistance
rDS(ON)
VGS = 5V, ID = 7A
-
45
110
mΩ
Source-to-Drain Forward Voltage
VSD
IS = 0.5A, VGS = 0V
0.8
1.8
3.5
V
Dynamic Characteristics
Input Capacitance[3]
3. Limits are established by characterization and/or design and are not tested.
CISS
VDS = 100V, VGS = 0V
-270
-pF
Output Capacitance
COSS
VDS = 100V, VGS = 0V, TA = +25°C
-
150
200
pF
Reverse Transfer Capacitance[3]
CRSS
VDS = 100V, VGS = 0V
-
1
-
pF
Gate Resistance[3]
rG
TA = +25°C
-
60
-
mΩ
Total Gate Charge
QG
VDS = 100V, VGS = 5V, ID = 7A, TA = +25°C
-
2.5
5
nC
Gate Charge at Threshold[3]
QG(th)
VDS = 100V, ID = 7A
-
0.4
-
nC
Gate-to-Source Charge
QGS
VDS = 100V, ID = 7A, TA = +25°C
-
0.8
2.0
nC
Gate-to-Drain Charge
QGD
VDS = 100V, ID = 7A, TA = +25°C
-
0.6
2.0
nC
Output Charge[3]
QOSS
VDS = 100V, VGS = 0V
-
23
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com