Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70024SEHL/PROTO Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL70024SEHL/PROTO
Description  200V, 7.5A Enhancement Mode GaN Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70024SEHL/PROTO Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL70024SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FN8976 Rev.6.03
Page 11
Mar 28, 2024
ISL70024SEH, ISL73024SEH Datasheet
6.
Revision History
Rev.
Date
Description
6.03
Mar 28, 2024
Clarified that LETs were calculated using a silicon target substrate.
6.02
Jun 9, 2023
Applied latest template.
Added the screening features bullet.
6.01
May 5, 2022
Removed related literature section.
Updated Table 1.
Updated Abs Max and Recommended Operating Conditions sections by removing the minimum
column.
Moved ESD Ratings to its own section.
6.00
Jan 28, 2021
Updated links.
Updated Table 1.
Added Notes 3 and 4.
5.00
Aug 16, 2019
Updated SEE and TID ratings in Features section.
Added radiation levels to ordering information table.
Updated Table 1 on page 2.
4.00
Feb 8, 2019
Updated ordering information table by adding evaluation boards and Note 3.
Updated disclaimer.
3.00
Mar 8, 2018
Updated ordering information table by correcting /SAMPLE part numbers and adding Die where
applicable.
Updated Section 4 heading from “Die and Assembly Characteristics” to “Die Characteristics”.
2.00
Feb 5, 2018
Changed 55mΩ to 45mΩ in the first Features bullet.
1.00
Jan 15, 2018
Updated Figure 1.
Added ISL73024SEH part to datasheet.
Ordering Information table on page 2 and updated Note 2.
Added Table of Differences on page 2.
Electrical Spec table - updated Note 9 on page 5.
Added Die and Assembly Characteristics section on page 9.
Removed “About Intersil” section.
Updated disclaimer and moved to last page.
0.00
Oct 4, 2017
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com