Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70024SEHL/PROTO Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL70024SEHL/PROTO
Description  200V, 7.5A Enhancement Mode GaN Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70024SEHL/PROTO Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL70024SEHL/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70024SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Datasheet
FN8976 Rev.6.03
Page 1
Mar 28, 2024
© 2017-2024 Renesas Electronics
The ISL70024SEH and ISL73024SEH are 200V
N-channel enhancement mode GaN power
transistors. These GaN FETs have been
characterized for destructive Single Event Effects
(SEE) and tested for Total Ionizing Dose (TID)
radiation. Applications for these devices include
commercial aerospace, medical, and nuclear power
generation.
GaN’s exceptionally high electron mobility and low
temperature coefficient allows for very low rDS(ON),
while its lateral device structure and majority carrier
diode provide exceptionally low QG and near zero
QRR. The end result is a device that can operate at a
higher switching frequency with more efficiency while
reducing the overall solution size.
By combining the exceptional performance of the
GaN FET in a hermetically sealed Surface Mount
Device (SMD) package with manufacturing in a
MIL-PRF-38535 like flow results in best-in-class
power transistors that are ideally suited for high
reliability applications.
Applications
▪ Switching regulation
▪ Motor drives
▪ Relay drives
▪ Inrush protection
▪ Down hole drilling
▪ High reliability industrial
Features
▪ Very low rDS(ON) 45mΩ (typical)
▪ Ultra low total gate charge 2.5nC (typical)
▪ SEE hardness (see SEE report for details)
• SEL/SEB LETTH (VDS = 160V, VGS = 0V):
86MeV•cm2/mg(Si)
▪ ISL70024SEH radiation acceptance (see TID
report)
• High dose rate (50-300rad(Si)/s): 100krad(Si)
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
▪ ISL73024SEH radiation acceptance (see TID
report)
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
▪ Ultra small hermetically sealed 4 Ld Surface Mount
Device (SMD) package
• Package area: 42mm2
▪ Full military-temperature range operation
•TA = -55°C to +125°C
•TJ = -55°C to +150°C
▪ Qualified to Renesas Rad Hard GaN FET
Screening and QCI Flow (R34TB0003EU)
• All screening and QCI is in accordance with
MIL-PRF-38535L Class-V
Figure 1. ISL70024SEH 4 Ld SMD Package
Figure 2. On-State Resistance (+25°C)
0
20
40
60
80
100
120
140
2.5
3.0
3.5
4.0
4.5
5.0
Gate-Source Voltage (V)
ID = 0.8A
ID = 2.4A
ID = 4.0A
ID = 5.6A
ID = 7.2A
ISL70024SEH, ISL73024SEH
200V, 7.5A Enhancement Mode GaN Power Transistor


Similar Part No. - ISL70024SEHL/PROTO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70024SEHL/PROTO RENESAS-ISL70024SEHL/PROTO Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
More results

Similar Description - ISL70024SEHL/PROTO

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3T075CN ROHM-RD3T075CN Datasheet
3Mb / 15P
Nch 200V 7.5A Power MOSFET
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
logo
Renesas Technology Corp
ISL70024SEH RENESAS-ISL70024SEH Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
logo
Rohm
GNP1070TC-Z ROHM-GNP1070TC-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNP1150TCA-Z ROHM-GNP1150TCA-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNE1008TB ROHM-GNE1008TB Datasheet
1Mb / 6P
GaN Enhancement Mode Power Transistor
26.Jun.2023 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com