Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCA5-20PC-1-DC4-RLC Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DCA5-20PC-1-DC4-RLC
Description  50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DCA5-20PC-1-DC4-RLC Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DCA5-20PC-1-DC4-RLC Datasheet HTML 1Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 2Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 3Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 4Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 5Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APPLICATIONS
Any reconfiguration of J3 must be made prior to connecting the power
supply and shunt to the ammeter.
6. Replacing Analog Panel Meters: DCA5-20PC ammeters can be
used as replacements for analog panel meters that are driven by
50 or 100mV shunts, if a suitable dc voltage is available for powering the
ammeter. In retrofit applications, it is extremely important to determine the
shunt’s electrical configuration (i.e., high or low side). If any doubt exists as
to the shunt’s location, use only ‘-DC4’ isolated-supply models. Rewiring
must be performed with all power sources de-energized.
Figure 5. High-Side Shunt Connections for "-DC4"
8-36Vdc Isolated-Power Models
1
1
1
2
2
CAL
TB1
TB2
J3 J1 J2
1
1
2
2
3
M1
–IN
–
+IN
+
–V
+V
LOAD
50mV SHUNT
DC SUPPLY
8-36Vdc
POWER
GROUND
(0Vdc)
LOAD CURRENT
Figure 4. Typical Low-Side Shunt Connections for "-DC1" Models
Measuring a Battery’s Charge/Discharge Current
1
1
1
2
2
CAL
TB1
TB2
J1 J2
J3
1
1
2
2
3
1
2
LOADS
SOLAR
PANELS
CHARGE
DISCHARGE
50mV SHUNT
12 V
BATTERY
–IN
–
+IN
+
–+
–+
–V
+V
J3 MUST BE INSTALLED
(FACTORY SETTING) FOR
5-40Vdc SUPPLIES
J1 AND J2 POSITIONS
DEPEND ON INPUT RANGE
DCA5-20PC-X-DC1-XX
Figure 6. Using "-DC4" Isolated-Power Models to Maintain Isolation
Between Two Power Supplies
1
1
1
2
2
CAL
TB1
TB2
J1
J3
J2
1
1
2
2
3
M1
–IN
–
–
+IN
+
+
–V
+V
50mV SHUNT
LOAD CURRENT
DC SUPPLY #1
8-36Vdc
DC SUPPLY
#2
LOAD
SHUNT CAN BE IN
LOW OR HIGH SIDE
Figure 7. Decimal Point Selection Using J2 and J1
(Applies to All Models)
1
1
1
2
2
CAL
TB1
TB2
J1 J2
J3
1
1
2
2
3
1
2
J2 CONFIGURATION
DP2 OFF
DP3 OFF
DP2 ON
(1X.XX)
DP3 ON
(1XX.X)
SG3
SG2
SG1
1
2
3
1
2
3
1
2
3
DP1 OFF
1
2
DP1 ON
(1.XXX)
1
2
J1 CONFIGURATION
ALL MODELS
7. Decimal Point Selection: As shown in the Ordering Information guide, DCA5-
20PC ammeters are multiple input-range devices. For example, with a 50mV
input, DCA5-20PC-1-DC1 models can be configured to display “5.00”, “50.0, or
“500” Amps by simply removing or relocating decimal-point-selector jumper J2
(see Figure 7). Decimal points serve as placeholders only; they have no affect
on displayed accuracy or resolution. If jumper J2 is not available, solder gaps
SG1, SG2, or SG3 can be used to select DP1 (“1.XXX”), DP2 (“1X.XX”), or
DP3 (“1XX.X”), respectively.
www.murata-ps.com/support
DCA5-20PC Series
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
MPM_DCA5-20PC.C01 Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com