Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCA5-20PC-1-DC4-RLC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DCA5-20PC-1-DC4-RLC
Description  50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DCA5-20PC-1-DC4-RLC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DCA5-20PC-1-DC4-RLC Datasheet HTML 1Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 2Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 3Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 4Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 5Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Murata Power Solutions’ new DCA5-20PC Series dc ammeters are specifically designed to dis-
play the output of all popular 50mV and 100mV dc-shunts. 25 input ranges provide for precision
measurement of dc currents from 1.000A to 2000A. With the exception of an external shunt,
the unit is 100% self-contained – no calibration or user-supplied components are required.
Available LED-display colors include brilliant blue, bright green, and standard red. Three power
supply options accommodate all popular dc-supply voltages from 5V to 75Vdc, making these
ammeters perfect for automotive, industrial, telecom, and marine applications!
DCA5-20PC Series ammeters are housed in 1.38” x 0.88” (35mm x 22mm) rugged pack-
ages that feature a large, 0.37”/9.4mm high, LED display. However, display visibility is not com-
promised in any way: the display can be easily read at distances up to 15 feet (5 meters). All
input and power supply connections are made by way of two screw-style terminal blocks. For
added flexibility, computer-style jumpers are provided for range-specific decimal point assign-
ments. And, to ensure trouble free installation, all models include reverse-polarity protected
power supply inputs.
Two input configurations are offered: grounded shunt (“low-side”), 5-40V-powered, red,
green or blue LED models for cost-sensitive applications, and 8-36V isolated-supply models
that accept high-side or floating shunts. Isolated-supply models are also available in a choice
of red, green, or blue LEDs. Since many dc ammeters are used in battery backup applications,
power consumption for 8-36V models is typically 1 Watt, and 75mW for 5-40V models.
Miniature size, wide supply inputs, and no-hassles installation make DCA5-20PC Series
ammeters the ideal choice for all your 50 and 100mV shunt ammeter-applications.
Figure 1. DCA5-20PC Series Simplified Schematic
A/D
CONVERTER
LED DISPLAY
INPUT
AMPLIFIER
EXTERNAL DC SUPPLY
POWER
CONVERTER
12
TB1
CAL
–5V
+5V
TB2
POWER
GROUND
SIGNAL
GROUND
EXTERNAL
50 or 100mV SHUNT
Not included on all models
Open on isolated power models
–V (GND)
+V
+IN
–
–IN
–
+
+
*
*
**
**
12
12
FEATURES
 Scales and displays the output of 5A to
2000A, 50mV & 100mV shunts
 Completely self-contained – no additional
components required
 Wide power supply inputs: 5 to 40Vdc for
12V/24V/28V applications
 48V option for telecom supplies
 Isolated-supply models for high-side shunts
 Large, easy-to-read LED display with 0.37”
(9.4mm) high digits
 Available in red, blue or green LED displays
 Subminiature 1.38” x 0.88” package with
screw-style terminal blocks
 Factory calibrated to ±0.1% accuracy;
Reverse-polarity protection
 Over 50 models available
 Digital upgrade for analog meters
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
DCA5-20PC Series
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
MPM_DCA5-20PC.C01 Page 1 of 6


Similar Part No. - DCA5-20PC-1-DC4-RLC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DCA5-20PC-1-DC1-RL-C MURATA-DCA5-20PC-1-DC1-RL-C Datasheet
558Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
More results

Similar Description - DCA5-20PC-1-DC4-RLC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
Digital, LED-Display AC Ammeters with Built-in Current Transformers
ACA5-20PC MURATA-PS-ACA5-20PC Datasheet
562Kb / 5P
5 Amp Input LED-Display AC Ammeters
DMS-20PC-0-DCM MURATA-PS-DMS-20PC-0-DCM Datasheet
150Kb / 2P
Self-Powered, Positive Input LED Display, DC Voltage Monitors
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
Self-Powered LED Display, Negative Input DC Voltage Monitor
logo
Extech Instruments Corp...
38387 EXTECH-38387 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
C&D Technologies
3020-01097-0 CANDD-3020-01097-0 Datasheet
876Kb / 4P
50mV and 100mV Base-Mounted DC Shunts
logo
Extech Instruments Corp...
38387 EXTECH-38387_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com