Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCA5-20PC-1-DC4-RLC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DCA5-20PC-1-DC4-RLC
Description  50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DCA5-20PC-1-DC4-RLC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DCA5-20PC-1-DC4-RLC Datasheet HTML 1Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 2Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 3Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 4Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 5Page - Murata Power Solutions Inc. DCA5-20PC-1-DC4-RLC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APPLICATIONS
PANEL INSTALLATION
Step 1.
Step 2.
Step 3.
Step 4.
8. Operation With 100mV Shunts: Many DCA5-20PC Series ammeters
can also operate with 100mV shunts. This is due to the fact that when
they are driven by a 100mV input, the display readings are double
those of a 50mV input. However, a 50mV shunt cannot be used in
a 100mV application because its maximum current rating will be
exceeded.
For our customer’s convenience, Murata Power Solutions offers a
series of 50mV and 100mV chassis-mount dc shunts that can be used
with DCA5-20PC ammeters. Part numbers for accessory shunts can
be found in the Ordering Information section. A data sheet describing
these shunts is available at www.murata-ps.com.
Table 1 indicates the obtainable readings of the seven DCA5-20PC
models that can be operated with 100mV shunts. Be sure to enable the
correct decimal point (see decimal point selection instructions).
9. Noisy Power Supplies: Some power supplies contain high-frequency
switching devices that may conduct and/or radiate significant noise
onto the low-level 50/100mV shunt signal. Even though the DCA5-
20PC incorporates built-in filtering at its shunt input, some portion of
this noise may be amplified and subsequently measured by the DCA5-
All connections and modifications must be made after the ammeter
is securely attached to the panel, with all load and supply voltages
de-energized (off).
The installed wire-positions should be such that minimal forces are applied
to TB1, TB2, and the ammeter itself. In high-vibration environments, the
use of wiring strain-reliefs is recommended.
To insure a secure panel-mount installation, MPS recommends using the
DMS-BZL4-C (with sealing gasket) bezel assembly supplied with each
20PC’s sensitive circuitry. The amplified noise introduces errors that are
particularly noticeable at zero load current (i.e., the ammeter may not
display a relatively steady “000” reading).
Connecting an external, unpolarized capacitor across TB1’s “+” and
“–” inputs, and/or across the shunt’s 50mV output terminals, can help
reduce noise-related display errors. In certain situations, the use of
twisted pair or shield wiring may be required. As a general rule, avoid
using excessively long leads between the ammeter and the shunt.
Figure 8. Panel Installation
ammeter. See the Mechanical Specifications section for detailed panel
cutout and ammeter dimensions.
Following the four-step sequence shown in Figure 8 below, being careful
not to apply excessive force or twisting motions, insert the ammeter into
the panel opening. When using the DMS-BZL4-C’s sealing gasket, make
sure it is positioned between the ammeter’s flange and the panel’s front
surface. Be sure to use and securely tighten all four screws supplied with
the bezel assembly.
Model
100mV Shunt Readings
DCA5-20PC-1
10.00A/100.0A/1000A
DCA5-20PC-2
1.999A/19.99A/199.9A/1999A
DCA5-20PC-3
60.0A/600A
DCA5-20PC-4
150.0A/1500A
DCA5-20PC-7
50.0A/500A
DCA5-20PC-8
800A
DCA5-20PC-9
1200A
Table 1. 100mV Shunt Readings
*
* With respective decimal point enabled
2
1
3
4
www.murata-ps.com/support
DCA5-20PC Series
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
MPM_DCA5-20PC.C01 Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com