Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 13 Page - Sensata Technologies, Inc.

Part # APL
Description  Hydraulic Magnetic Circuit Protectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

APL Datasheet(HTML) 13 Page - Sensata Technologies, Inc.

Back Button APL Datasheet HTML 9Page - Sensata Technologies, Inc. APL Datasheet HTML 10Page - Sensata Technologies, Inc. APL Datasheet HTML 11Page - Sensata Technologies, Inc. APL Datasheet HTML 12Page - Sensata Technologies, Inc. APL Datasheet HTML 13Page - Sensata Technologies, Inc. APL Datasheet HTML 14Page - Sensata Technologies, Inc. APL Datasheet HTML 15Page - Sensata Technologies, Inc. APL Datasheet HTML 16Page - Sensata Technologies, Inc. APL Datasheet HTML 17Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
APL/UPL - NOMINAL DCR / IMPEDANCE
Current
Ratings
(Amps)
Resistance (ohms)
Impedance (ohms)
Impedance (ohms)
DC Delays
AC, 50/60Hz Delays
AC, 400Hz Delays
50
59
51, 52, 53
Dual Coil
51, 52, 53
60
69
600, 61, 62
71, 72, 73
64, 65, 66
Dual Coil 61, 62
40, 49
41, 42, 43
0.05
162
540
460
640
174
419
582
691
1975
1195
0.10
35.4
105
155
150
42.5
103.4
119.0
160
495
284
0.50
1.2
4.2
4.5
5.6
1.9
4
4.1
6.2
22
12
1.0
.236
1.02
1.2
1.41
.41
.955
1.08
1.56
5.01
2.72
5.0
.021
.048
.059
.070
.030
.045
.048
.068
.240
.140
10.0
.0060
.0121
.0140
.0160
.0075
.0105
.0134
.0174
.0520
.0283
15.0
.0040
.0067
.0092
.0100
.0038
.0068
.0070
.0120
.0260
.0140
20.0
.0032
.0047
.0052
.0070
.0024
.0049
.0050
.0069
.0140
.0088
30.0
.0021
.0036
.0036
.0040
.0022
.0032
.0035
.0037
.0079
.0043
50.0
.0020
.0024
.0026
.0023
.0020
.0020
.0025
.0030
.0036
.0028
Notes: DCR and impedance based on 100% rated current applied and stablized a minimum of one hour.
Tolerance: .02 amperes to 2.5 amperes, ± 20%; 2.6 amperes to 20 amperes, ± 25%; 21 amperes to 50 amperes, ± 50%. Consult factory for special values and for coil
impedance of delays not shown
APL/UPL - RATINGS
Configurations
Current Ratings (Amps)
Maximum Voltage Ratings
Interrupting Capacity (Amps)
Series Fuse
Series and Shunt
0.050 - 50
65Vdc
5000
None
0.050 - 100
65Vdc
3000
None
0.050 - 60
120Vac (50/60Hz)
1000
None
0.050 - 50
120Vac (50/60Hz)
5000
4X (120 max.)
0.050 - 20
277Vac (50/60Hz)
5000
4X
0.050 - 50
250Vac (50/60Hz)
5000
4X (120 max.)
0.050 - 50
120Vac (400Hz)
1500
None
21 - 50
250Vac (400Hz)
1000
None
0.050 - 20
250Vac (400Hz)
2100
None
Relay
0.050 - 50
50Vdc
—
—
0.050 - 50
120Vac (50/60Hz)
—
—
0.050 - 50
120Vac (400Hz)
—
—
0.050 - 50
250Vac (50/60Hz-400Hz)
—
—
Switch Only
50 amperes max. 65Vdc
—
—
—
100 amperes max. 32Vdc
—
—
—
50 amperes max. 250Vac (50/60Hz)
—
—
—
50 amperes max. 250Vac (400Hz)
—
—
—
Notes:
DC units do not require series fusing.
277Vac: A circuit protector with this voltage rating is intended for 277Vac per pole single phase source only usage. (e.g.) If a two or three pole breaker is marked
277Vac, all line terminals must be connected to the same phase, assuming the 277Vac is taken from line to neutral of a three phase 277/480Vac system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com