Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 16 Page - Sensata Technologies, Inc.

Part # APL
Description  Hydraulic Magnetic Circuit Protectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

APL Datasheet(HTML) 16 Page - Sensata Technologies, Inc.

Back Button APL Datasheet HTML 10Page - Sensata Technologies, Inc. APL Datasheet HTML 11Page - Sensata Technologies, Inc. APL Datasheet HTML 12Page - Sensata Technologies, Inc. APL Datasheet HTML 13Page - Sensata Technologies, Inc. APL Datasheet HTML 14Page - Sensata Technologies, Inc. APL Datasheet HTML 15Page - Sensata Technologies, Inc. APL Datasheet HTML 16Page - Sensata Technologies, Inc. APL Datasheet HTML 17Page - Sensata Technologies, Inc. APL Datasheet HTML 18Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
APL/UPL DECISION TABLES
How to Order
The ordering code for APL/UPL circuit protectors may be
determined by following the steps in the decision tables shown
here.
The coding given permits a self-assigning part number; other
configurations may require a factory assigned part number.
Typical examples are units with mixed ratings, combinations of
styles or constructions not listed in the third decision table, etc.
With these, it is suggested that order entry be by description
and/or drawings and a part number will be assigned. Additionally,
it is a standard policy to establish a factory assigned part number
wherever a descriptive drawing exists to provide cross
reference, traceability and manufacturing control.
When specifying a protector for AC motor start or high inrush
applications, the peak amplitude and surge duration should be
specified for factory assistance in rating selection.
For example, the code shown is the code for a two pole UPL
protector with series trip, 20 ampere rating, 50/60Hz. short time
delay construction in all poles.
To determine the ordering number for your particular APL/UPL
unit, simply follow the steps shown. You may use this number to
place an order or as a reference for further questions you may
have.
Notes:
A The most common current values for 100% of rated current are
those listed. Please consult an Airpax office orsales representa-
tive for other values.
B All APL/UPL protectors are constructed with stainless steel
springs and plated parts. As noted in the specifications, all meet
normal requirements for moisture and salt spray resistance. If
fungus resistance is required in addition to moisture and salt
spray resistance, special procedures and markings are employed.
C Terminals will be supplied as #10-32 threaded studs up to 50
amperes. Above this amperage terminals will be ¼-28 threaded
studs. All standard units will be supplied with a hex nut and two
flat washers on each threaded terminal.
D When metric threaded inserts are specified, breakers rated at
50 amperes and below will be supplied with metric threaded
terminals. For breakers rated above 50 amperes, ¼ -28 threaded
terminals will be supplied.
E Black handle standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com