Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # APL
Description  Hydraulic Magnetic Circuit Protectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

APL Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  APL Datasheet HTML 1Page - Sensata Technologies, Inc. APL Datasheet HTML 2Page - Sensata Technologies, Inc. APL Datasheet HTML 3Page - Sensata Technologies, Inc. APL Datasheet HTML 4Page - Sensata Technologies, Inc. APL Datasheet HTML 5Page - Sensata Technologies, Inc. APL Datasheet HTML 6Page - Sensata Technologies, Inc. APL Datasheet HTML 7Page - Sensata Technologies, Inc. APL Datasheet HTML 8Page - Sensata Technologies, Inc. APL Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
APL/UPL Series
Hydraulic Magnetic Circuit Protectors
INTRODUCTION
IMPORTANT NOTICE:
The APL/UPL is a legacy
product and no new design-in orders are being
accepted. We are also discontinuing the 205 series
(APL with dust proof enclosure). If the specifications
for any of these products are necessary for your
system, SensataTechnologies recommends utilizing
the Airpax™ IAL series.
The APL/UPL magnetic circuit protector provides reliable,
low-cost power switching, circuit protection and circuit
control. The handle opens and closes a circuit, under normal
load conditions, similar to an ON-OFF switch. Upon overload,
the internal mechanism trips, opens the contacts and forcibly
returns the handle to the OFF position. Since the protector is
“trip free,” the internal contacts will not remain closed in the
presence of an overload, even though the handle is held in the
ON position.
The APL/UPL line offers many configurations including series,
shunt and relay with a choice of delays and ratings. APL/UPL
multi-pole assemblies are available with a mix of current ratings,
delays and internal circuit configurations.
While designed for industrial, military and information processing
applications, the APL is suitable for use in any situation where
precision operation is required. Most versions of the APL
family are recognized by UL per UL STD. 1077 as supplementary
protectors and certified by CSA per CSA STD. C22.2–No. 235
as supplementary protectors and are designated with the UPL
prefix.
.750 MAX.
[19.05]
1.438
[36.53]
.402
[10.21]
.220
[5.59]
6-32 THD. (M3 ISO. THD. OPTIONAL)
.187 [4.75] DEEP (TWO PLACES)
2.060 ± .010
[52.32 ± 0.25]
ON
ON
.150
[3.81]
2.530 MAX.
[64.26]
MAX.
2.020
[51.31]
.675
[17.14]
Note: Tolerance ± .015 [.38]
unless noted. Dimensions in
brackets [ ] are millimeters.
APL/UPL
Single Pole Toggle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com