Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027ASEH Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL72027ASEH
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEH Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL72027ASEH Datasheet HTML 3Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
FN8862 Rev.1.00
Page 7 of 27
Jul 27, 2017
ISL72027ASEH
2. Specifications
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
Parameter
Minimum
Maximum
Unit
VCC to GND with/without Ion Beam
-0.3
5.5
V
CANH, CANL, VREF Under Ion Beam
±20
V
CANH, CANL, VREF
±20
V
I/O Voltages D, R, RS
-0.5
7
V
Receiver Output Current
-10
10
mA
Output Short-Circuit Duration
Continuous
ESD Rating
Value
Unit
Human Body Model (Tested per MIL-STD-883 TM3015.7)
CANH, CANL Bus Pins
4kV
All Other Pins
4kV
Charged Device Model (Tested per JS-002-2014)
750
V
Machine Model (Tested per JESD22-A115C)
200
V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may
adversely impact product reliability and result in failures not covered by warranty.
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld FP Package (Notes 5, 6)39
7
Notes:
5.
JA is measured with the component mounted on a high-effective thermal conductivity test board (two buried 1oz copper planes)
with “direct attach” features package base mounted to PCB thermal land with a 10 mil gap fill material having a thermal
conductivity of 1W/m-K. Refer to TB379.
6. For
JC, the “case temp” location is the center of the package underside.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
+150
°C
Storage Temperature Range
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com