Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027ASEH Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL72027ASEH
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEH Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL72027ASEH Datasheet HTML 14Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 15Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 16Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 17Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 18Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 19Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 20Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 21Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
FN8862 Rev.1.00
Page 18 of 27
Jul 27, 2017
ISL72027ASEH
3. Typical Performance Curves
Figure 40. Receiver Output Current vs Receiver Output
Voltage at VCC = 3V
Figure 41. Receiver Output Current vs Receiver Output
Voltage at VCC = 3.6V
Figure 42. Receiver Propagation Delay and Skew vs
Temperature
Figure 43. Receiver Rise and Fall Times vs Temperature
VCC = 3.3V, CL = 15pF, TA = +25°C; unless otherwise specified. (Continued)
-40
-30
-20
-10
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
RECEIVER OUTPUT VOLTAGE (V)
VOL
VOH
VCC = 3V
+25 °C
+125 °C
-55 °C
+125 °C
+25 °C
-55 °C
RECEIVER OUTPUT VOLTAGE (V)
-60
-40
-20
0
20
40
60
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC = 3.6V
VOL
VOH
+25 °C
-55 °C
+125 °C
+25 °C
-55 °C
+125 °C
0
10
20
30
40
50
60
70
80
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
H TO L, VCC = 3.6V
H TO L, VCC = 3V
L TO H, VCC = 3V
L TO H, VCC = 3.6V
SKEW, VCC = 3.6V
SKEW, VCC = 3V
1.0
1.5
2.0
2.5
3.0
3.5
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
FALL, VCC = 3V
FALL, VCC = 3.6V
RISE, VCC = 3.6V
RISE, VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com