Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027ASEH Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL72027ASEH
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEH Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL72027ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL72027ASEH Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
FN8862 Rev.1.00
Page 8 of 27
Jul 27, 2017
ISL72027ASEH
2. Specifications
2.3
Recommended Operating Conditions
2.4
Electrical Specifications
Parameter
Minimum
Maximum
Unit
Temperature Range
-55
+125
°C
VCC Supply Voltage
3
3.6
V
Voltage on CAN I/O
-7
12
V
VIH D Logic Pin
2
5.5
V
VIL D Logic Pin
0
0.8
V
IOH Driver (CANH - CANL = 1.5V, VCC = 3.3V)
-40
mA
IOH Receiver (VOH = 2.4V)
-4
mA
IOL Driver (CANH - CANL = 1.5V, VCC = 3.3V)
40
mA
IOL Receiver (VOL = 0.4V)
4mA
Test Conditions: VCC = 3V to 3.6V; typical values are at TA = +25°C (Note 9); unless otherwise specified (Note 7). Boldface limits apply
across the operating temperature range, -55°C to +125°C and over a total ionizing dose of 75krad(Si) at +25°C with exposure at
a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 8)
Typ
(Note 9)
Max
(Note 8)
Unit
Driver Electrical Characteristics
Dominant Bus Output
Voltage
VO(DOM) D = 0V, CANH, RS = 0V,
Figures 10 and 11
3V ≤ VCC ≤ 3.6V
Full
2.25
2.85
VCC
V
D = 0V, CANL, RS = 0V,
Figures 10 and 11
Full
0.10
0.65
1.25
V
Recessive Bus Output
Voltage
VO(REC)
D = 3V, CANH, RS = 0V,
60Ω and no load,
Figures 10 and 11
3V ≤ VCC ≤ 3.6V
Full
1.80
2.30
2.70
V
D = 3V, CANL, RS = 0V,
60Ω and no load,
Figures 10 and 11
Full
1.80
2.30
2.80
V
Dominant Output Differential
Voltage
VOD(DOM) D = 0V, RS = 0V, 3V ≤ VCC ≤ 3.6V,
Figures 10 and 11
Full
1.5
2.2
3.0
V
D = 0V, RS = 0V, 3V ≤ VCC ≤ 3.6V,
Figures 11 and 12
Full
1.2
2.1
3.0
V
Recessive Output
Differential Voltage
VOD(REC) D = 3V, RS = 0V, 3V ≤ VCC ≤ 3.6V,
Figures 10 and 11
Full
-120
0.2
12
mV
D = 3V, RS = 0V, 3.0V ≤ VCC ≤ 3.6V, no load
Full
-500
-34
50
mV
Logic Input High Voltage (D)
VIH
3V ≤ VCC ≤ 3.6V, (Note 10)
Full
2.0
-
5.5
V
Logic Input Low Voltage (D)
VIL
3V ≤ VCC ≤ 3.6V, (Note 10)
Full
0
-
0.8
V
High Level Input Current (D)
IIH
D = 2V, 3V ≤ VCC ≤ 3.6V
Full
-30
-3
30
µA
Low Level Input Current (D)
IIL
D = 0.8V, 3V ≤ VCC ≤ 3.6V
Full
-30
-7
30
µA
RS Input Voltage for Listen
Mode
VIN(RS)
3V ≤ VCC ≤ 3.6V
Full
0.75xVCC
1.90
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com