Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2001D2PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA2001D2PWPR
Description  1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2001D2PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPA2001D2PWPR Datasheet HTML 1Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 2Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 3Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 4Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TPA2001D2
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS292A – MARCH 2000 – REVISED APRIL 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD, PVDD
4.5
5.5
V
High-level input voltage, VIH
GAIN0, GAIN1, SHUTDOWN
2
V
Low-level input voltage, VIL
GAIN0, GAIN1, SHUTDOWN
0.8
V
Operating free-air temperature, TA
–40
85
°C
PWM Frequency
200
300
kHz
electrical characteristics, TA = 25°C, VDD = PVDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOO |
Output offset voltage (measured differentially)
VI = 0 V
10
mV
PSRR
Power supply rejection ratio
VDD=PVDD = 4.5 V to 5.5 V
–77
dB
IIH
High-level input current
VDD=PVDD = 5.5 V, VI = VDD = PVDD
1
µA
IIL
Low-level input current
VDD=PVDD = 5.5 V, VI = 0 V
–1
µA
IDD
Supply current
No filter (with or without speaker load)
8
10
mA
IDD
Supply current
With filter, L = 22
µH,
C = 1
µF
15
mA
IDD(SD) Supply current, shutdown mode
1
10
µA
operating characteristics, TA = 25°C, VDD = PVDD = 5 V, RL = 8 Ω, Gain = 8 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.4%,
f = 1 kHz,
RL = 8 Ω
1
W
THD+N
Total harmonic distortion plus noise
PO = 0.5 W,
f = 20 Hz to 20 kHz
<0.2%
BOM
Maximum output power bandwidth
THD = 5%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
C(BYPASS) = 0.4 µF
–60
dB
SNR
Signal-to-noise ratio
20 Hz to 20 kHz
87
dBV
Integrated noise floor
20 Hz to 20 kHz, No input
56
µV
ZI
Input impedance
>20
k
Ω
Table 1. Gain Settings
GAIN0
GAIN1
AMPLIFIER GAIN
(dB)
INPUT IMPEDANCE
(k
Ω)
GAIN0
GAIN1
TYP
TYP
0
0
8
104
0
1
12
74
1
0
17.5
44
1
1
23.5
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com