Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2001D2PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA2001D2PWPR
Description  1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2001D2PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2001D2PWPR Datasheet HTML 4Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 9Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 10Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 11Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPA2001D2
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS292A – MARCH 2000 – REVISED APRIL 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. Gain Settings
GAIN0
GAIN1
AMPLIFIER GAIN
(dB)
INPUT IMPEDANCE
(k
Ω)
GAIN0
GAIN1
TYP
TYP
0
0
8
104
0
1
12
74
1
0
17.5
44
1
1
23.5
24
input resistance
Each gain setting is achieved by varying the input resistance of the amplifier, which can range from its smallest
value to over 6 times that value. As a result, if a single capacitor is used in the input high pass filter, the –3 dB
or cut-off frequency will also change by over 6 times. If an additional resistor is connected from the input pin
of the amplifier to ground, as shown in the figure below, the variation of the cut-off frequency will be much
reduced.
Ci
R
IN
ZI
ZF
Input
Signal
The –3 dB frequency can be calculated using equation 4:
(4)
f
–3 dB +
1
2
p C
i R ø ZI
If the filter must be more accurate, the value of the capacitor should be increased while value of the resistor to
ground should be decreased. In addition, the order of the filter could be increased.
input capacitor, Ci
In the typical application an input capacitor, Ci, is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, Ci and the input impedance of the amplifier, ZI, form a
high-pass filter with the corner frequency determined in equation 5.
f
c(highpass) +
1
2
pZ
I
C
i
–3 dB
fc
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com