Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2001D2PWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA2001D2PWPR
Description  1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2001D2PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA2001D2PWPR Datasheet HTML 1Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 2Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 3Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 4Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2001D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPA2001D2
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS292A – MARCH 2000 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Modulation Scheme Optimized to Operate
Without a Filter
D 1 W Into 8-Ω Speakers (THD+N< 0.4%)
D < 0.08% THD+N at 0.5 W, 1 kHz, Into 8-Ω
Load
D Extremely Efficient 3rd Generation 5-V
Class-D Technology:
– Low Supply Current (No Filter) ...8 mA
– Low Supply Current (Filter) ...15 mA
– Low Shutdown Current ...1
µA
– Low Noise Floor ...56
µVRMS
– Maximum Efficiency Into 8
Ω, 75 – 85%
– 4 Internal Gain Settings ...8 – 23.5 dB
– PSRR . . . –77 dB
D Integrated Depop Circuitry
D Short-Circuit Protection (Short to Battery,
Ground, and Load)
D –40°C to 85°C Operating Temperature
Range
description
The TPA2001D2 is the third generation 5-V class-D amplifier from Texas Instruments. Improvements to
previous generation devices include: lower supply current, lower noise floor, better efficiency, four different gain
settings, smaller packaging, and fewer external components. The most significant advancement with this device
is its modulation scheme that allows the amplifier to operate without the output filter. Eliminating the output filter
saves the user approximately 30% in system cost and 75% in PCB area.
The TPA2001D2 is a monolithic class-D power IC stereo audio amplifier, using the high switching speed of
power MOSFET transistors. These transistors reproduce the analog signal through high-frequency switching
of the output stage. The TPA2001D2 is configured as a bridge-tied load (BTL) amplifier capable of delivering
greater than 1 W of continuous average power into an 8-
Ω load at less than 0.6% THD+N from a 5-V power
supply in the high fidelity range (20 Hz to 20 kHz). With 1 W being delivered to an 8-
Ω load at 1 kHz, the typical
THD+N is less than 0.08%.
A BTL configuration eliminates the need for external coupling capacitors on the output. Low supply current of
8 mA makes the device ideal for battery-powered applications. Protection circuitry increases device reliability:
thermal, over-current, and under-voltage shutdown.
Efficient class-D modulation enables the TPA2001D2 to operate at full power into 8-
Ω loads at an ambient
temperature of 85
°C.
AVAILABLE OPTIONS
T
PACKAGED DEVICE
TA
TSSOP (PWP)
–40
°C to 85°C
TPA2001D2PWP
NOTE: The PWP package is available taped and reeled. To
order a taped and reeled part, add the suffix R to the
part number (e.g., TPA2001D2PWPR).
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PGND
LOUTN
GAIN0
PVDD
LINN
AGND
COSC
RINN
PVDD
SHUTDOWN
ROUTN
PGND
PGND
LOUTP
BYPASS
PVDD
LINP
VDD
ROSC
RINP
PVDD
GAIN1
ROUTP
PGND
PWP PACKAGE
(TOP VIEW)


Similar Part No. - TPA2001D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2001D2PWPR TI-TPA2001D2PWPR Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWPRG4 TI-TPA2001D2PWPRG4 Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2001D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com