Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-180 Datasheet(PDF) 8 Page - Hirose Electric

Part # U.FL-R-SMT-180
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-180 Datasheet(HTML) 8 Page - Hirose Electric

Back Button U.FL-R-SMT-180 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 9Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 10Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 11Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
8HEX
17
4.5
8
■SMA cable type
SMA
Straight Plug
Straight Jack
Panel mount Jack (Four Screws)
Panel mount Jack (Two Screws)
Panel mount Jack (Bulkhead)
8HEX
15
4∞Ø2.6
12.7
8.64
9.55
1.7
17
8HEX
5.85
5.9 +0.1
0
Ø6.4 +0.1
0
11
1.5
17
Part No.
HRS No.
Applicable cable
HRM-200-040PBN(40)
323-0790-3 40
Dia. 0.81 type
HRM-200-066PBN(40)
323-0791-6 40
Dia. 1.13, Dia.1.32 type
HRM-200-088PBN(40)
323-0800-5 40
Dia. 1.37 type
Part No.
HRS No.
Applicable cable
HRM-200-040JBN(40)
323-0792-9 40
Dia. 0.81 type
HRM-200-066JBN(40)
323-0793-1 40
Dia. 1.13, Dia.1.32 type
HRM-200-088JBN(40)
323-0801-8 40
Dia. 1.37 type
Part No.
HRS No.
Applicable cable
HRM-200-040PJ4BN(40)
323-0795-7 40
Dia. 0.81 type
HRM-200-066PJ4BN(40)
323-0796-0 40
Dia. 1.13, Dia.1.32 type
HRM-200-088PJ4BN(40)
323-0803-3 40
Dia. 1.37 type
8
9.55
1.7
17
2ר2.6
Part No.
HRS No.
Applicable cable
HRM-200-040PJ2BN(40)
323-0794-4 40
Dia. 0.81 type
HRM-200-066PJ2BN(40)
323-0788-1 40
Dia. 1.13, Dia.1.32 type
HRM-200-088PJ2BN(40)
323-0802-0 40
Dia. 1.37 type
Part No.
HRS No.
Applicable cable
HRM-200-040BPJBN(40)
323-0797-2 40
Dia. 0.81 type
HRM-200-066BPJBN(40)
323-0798-5 40
Dia. 1.13, Dia.1.32 type
HRM-200-088BPJBN(40)
323-0804-6 40
Dia. 1.37 type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com