Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-180 Datasheet(PDF) 3 Page - Hirose Electric

Part # U.FL-R-SMT-180
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-180 Datasheet(HTML) 3 Page - Hirose Electric

  U.FL-R-SMT-180 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
■Receptacles
GND
GND
SIG
Ø2
3
2.6
0.6
GND
GND
U.FL-R-SMT-1
SIG
1±0.05
4±0.05
1.9±0.05
No conductive traces in this area
BRecommended PCB
Mounting Pattern
Part No.
HRS No.
Packaging
Weight / EA
U.FL-R-SMT-1(01)
331-0472-2 01
100 pcs/pack
15.7/mg
U.FL-R-SMT-1(60)
331-0472-2 60
4,000 pcs/reel
U.FL-R-SMT-1(80)
331-0472-2 80
10,000 pcs/reel
Note : This area may be covered by insulating material.
Embossed Carrier Tape Dimensions(IEC 60286-3 compliant)
Embossed Carrier Tape Dimensions
U.FL-R-SMT-1(60): 8mm pitch
U.FL-R-SMT-1(80): 4mm pitch
Reel Dimensions
4
2
8
Center contact
4
2
4
Center contact
Unreeling direction
2
13.5
φ13
φ21
A
Material:
PS(Black)
A(SCALE FREE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com