Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-180 Datasheet(PDF) 1 Page - Hirose Electric

Part # U.FL-R-SMT-180
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-180 Datasheet(HTML) 1 Page - Hirose Electric

  U.FL-R-SMT-180 Datasheet HTML 1Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 2Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-180 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
U.FL Series
2018.6
④
U.FL-LP(V)-040HF
U.FL-LP-062HF
U.FL-LP-088HF
U.FL-LP-040HF
U.FL-LP-066HF
U.FL-LP-068HF
E.FL-LP-040
E.FL-LP-066
U.FL
E.FL
Plug
Plug
Plug
Plug
Plug
Dia 0.81
Dia 0.81
Dia 0.95
Dia 1.37
Dia 1.32
Dia 1.13
U.FL-LP-040HF
U.FL-LP-066HF
U.FL-LP-068HF
U.FL-R-SMT-1
U.FL-R-SMT-1
U.FL-R-SMT-1
U.FL-R-SMT-1
U.FL-R-SMT-1
U.FL-LP(V)-040HF
U.FL-LP-062HF
U.FL-LP-088HF
■Features
1. Nominal mated height of 1.9 or 2.3mm, 2.4mm
(Max. 2.0 or 2.4mm, 2.5mm)(Fig.1)
2. Small mounting area
The receptacle occupies an area of 7.7mm2.
3. Light weight
Receptacle : 15.7mg
4. Supports high frequency up to 6GHz
To meet the frequency requirements of a wide
variety of miniature devices, the connectors offer
high frequency performance from DC to 6GHz, with
a V.S.W.R. of 1.3 to 1.5 max.
5. Automatic board placement
Packaged on tape-and-reel the receptacles can be
placed with vacuum nozzles of the automatic
placement equipment.
6. Plugs are terminated with ultra-fine
coaxial (fluorinated resin insulated) cable
Standard ultra-fine coaxial cable of 0.81mm diameter
(single braid shielding) is used fo r the plug
termination, assuring secure and stable connections.
7. Simple connector mating / unmating
Use of available extraction tool assures correct
disconnection of the plug and receptacle.
8. Verification of the fully mated condition
Tactile click sensation confir ms fully mated
condition, assur ing complete electr ical and
mechanical connection.
9. Halogen-free*(Receptacle,plug(HF type))
*As defined by IEC61249-2-21
Br-900 ppm maximum, Cl-900 ppm maximum,
Cl+Br combined-1,500 ppm maximum
Mated height comparison (with E.FL series)
●Space Factor of Mated Connector
Up to 6GHz
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm,
2.4mm Mated Height
Fig.1
Fig.2
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - U.FL-R-SMT-180

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
139Kb / 1P
U.FL-R-SMT-1
08/11/2012
U.FL-R-SMT-10 HIROSE-U.FL-R-SMT-10 Datasheet
139Kb / 1P
U.FL-R-SMT-1
08/11/2012
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1_V01 Datasheet
139Kb / 1P
U.FL-R-SMT-1
08/11/2012
More results

Similar Description - U.FL-R-SMT-180

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com