Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-1 Datasheet(PDF) 4 Page - Hirose Electric

Part # U.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-1 Datasheet(HTML) 4 Page - Hirose Electric

  U.FL-R-1 Datasheet HTML 1Page - Hirose Electric U.FL-R-1 Datasheet HTML 2Page - Hirose Electric U.FL-R-1 Datasheet HTML 3Page - Hirose Electric U.FL-R-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-1 Datasheet HTML 6Page - Hirose Electric U.FL-R-1 Datasheet HTML 7Page - Hirose Electric U.FL-R-1 Datasheet HTML 8Page - Hirose Electric U.FL-R-1 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
■Cable Assembly (Plug)
●Cable Guide
Dia.0.81mm
Coaxial Cable
04
7/0.05 SA
(AWG#36)
Dia.0.4mm
FEP
Single
Shield TA
Dia.0.81mm
FEP
5.4dB/m
8.0dB/m
Dia.1.13mm
Coaxial Cable
068
7/0.08 SA
(AWG#32)
Dia.0.68mm
FEP
Single
Shield TA
Dia.1.13mm
FEP
3.73dB/m
5.44dB/m
Dia.1.32mm
Coaxial Cable
066
7/0.08 SA
(AWG#32)
Dia.0.66mm
FEP
Double
Shield TA
Dia.1.32mm
FEP
3.8dB/m
5.6dB/m
Dia.0.95mm
Coaxial Cable
062
7/0.071 SA
(AWG#33)
Dia.0.62mm
FEP
Tape, single
Shield TA
Dia.0.95mm
FEP
3.1dB/m
4.4dB/m
Dia.1.37mm
Coaxial Cable
Dia.1.37mm
Coaxial Cable
(data as provided by cable suppliers, for reference only)
* SA : Silver plated annealed copper wire, TA : Tin plated annealed copper wire
088
088
7/0.102 SA
(AWG#30)
7/0.102 SA
(AWG#30)
Dia.0.88mm
FEP
Dia.0.88mm
FEP/PTEE
Single
Shield TA
Tape, Single
Shield TA
Dia.1.37mm
FEP
Dia.1.37mm
FEP
2.8dB/m
2.5dB/m
4.3dB/m
3.4dB/m
Description
Cable
Type
Cable Specification
Inner
Conductor*
Dielectric
Diameter
Outer
Conductor*
Jacket
Diameter
Flame Retardant
Grade
Nominal attenuation
At 3GHz
5
3.4
4
4
4
[Plugs can be ordered only as terminated cable assemblies.]
Part No.
Size
U.FL-LP-040HF
U.FL-LP-066HF
U.FL-LP-068HF
U.FL-LP(V)-040HF(06) U.FL-LP-062HF(06)
U.FL-LP-088HF(06)
Mated Height
2.5mm Max.
(2.4mm Nom.)
2.5mm Max.
(2.4mm Nom.)
2.0mm Max.
(1.9mm Nom.)
2.4mm Max.
(2.3mm Nom.)
2.4mm Max.
(2.3mm Nom.)
Applicable
cable
Dia. 0.81mm
Dia. 1.13mm and
Dia. 1.32mm
Dia. 0.81mm
Dia. 0.95mm
Dia. 1.37mm
Weight (mg)
54
59
35
45.5
72
Environmental
compliant
Halogen-free, RoHS2 compliant
VW-1
At 6GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com