Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-1 Datasheet(PDF) 10 Page - Hirose Electric

Part # U.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-1 Datasheet(HTML) 10 Page - Hirose Electric

Back Button U.FL-R-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-1 Datasheet HTML 6Page - Hirose Electric U.FL-R-1 Datasheet HTML 7Page - Hirose Electric U.FL-R-1 Datasheet HTML 8Page - Hirose Electric U.FL-R-1 Datasheet HTML 9Page - Hirose Electric U.FL-R-1 Datasheet HTML 10Page - Hirose Electric U.FL-R-1 Datasheet HTML 11Page - Hirose Electric U.FL-R-1 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
L mm
L mm
L mm
L mm
L mm
Note : Minimum available length(L) is 50mm
P : Plug
J : Jack
PJ : Panel mount Jack (Four Screws)
PJ2 : Panel mount Jack (Two Screws)
BPJ : Panel mount Jack (Bulkhead)
■How To Specify Cable Assembly
HRM
q
P
w
04
e
「※」2「※」
r
L
t
--
- -
A
UFLHF6
Ordering information
q Series name
HRM : SMA type
SMAR : Reverse polarity SMA
w Connector type
P
: Plug
J
: Jack
PJ : Panel mount Jack(Four screws)
PJ2 : Panel mount Jack(Two screws)
BPJ : Panel mount Jack(Bulkhead)
e Cable type
04 : Dia. 0.81mm Coaxial cable
066 : Dia. 1.32mm Coaxial cable
068 : Dia. 1.13mm Coaxial cable
088 : Dia. 1.37mm Coaxial cable
r Cable color
04
2 : Black
066
068
088
2 : Black
t Total length(mm) Length(L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com