Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-1 Datasheet(PDF) 9 Page - Hirose Electric

Part # U.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-1 Datasheet(HTML) 9 Page - Hirose Electric

Back Button U.FL-R-1 Datasheet HTML 4Page - Hirose Electric U.FL-R-1 Datasheet HTML 5Page - Hirose Electric U.FL-R-1 Datasheet HTML 6Page - Hirose Electric U.FL-R-1 Datasheet HTML 7Page - Hirose Electric U.FL-R-1 Datasheet HTML 8Page - Hirose Electric U.FL-R-1 Datasheet HTML 9Page - Hirose Electric U.FL-R-1 Datasheet HTML 10Page - Hirose Electric U.FL-R-1 Datasheet HTML 11Page - Hirose Electric U.FL-R-1 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Reverse polarity SMA
Straight Jack
Panel mount Jack (Four Screws)
Panel mount Jack (Two Screws)
Panel mount Jack (Bulkhead)
Part No.
HRS No.
Applicable cable
SMA(R)-200-040JBN
323-0926-3
Dia. 0.81 type
SMA(R)-200-066JBN
323-0931-3
Dia. 1.13, Dia.1.32 type
SMA(R)-200-088JBN
323-0904-0
Dia. 1.37 type
Part No.
HRS No.
Applicable cable
SMA(R)-200-040BPJBN
323-0927-6
Dia. 0.81 type
SMA(R)-200-066BPJBN
323-0902-5
Dia. 1.13, Dia.1.32 type
SMA(R)-200-088BPJBN
323-0901-2
Dia. 1.37 type
17
4.5
8
1/4-36UNS-2A
8 HEX
Part No.
HRS No.
Applicable cable
SMA(R)-200-040PJ4BN
323-0928-9
Dia. 0.81 type
SMA(R)-200-066PJ4BN
323-0932-6
Dia. 1.13, Dia.1.32 type
SMA(R)-200-088PJ4BN
323-0934-1
Dia. 1.37 type
1/4-36UNS-2A
17
1.7
9.55
8.64
12.7
4∞Ø2.6
Part No.
HRS No.
Applicable cable
SMA(R)-200-040PJ2BN
323-0929-1
Dia. 0.81 type
SMA(R)-200-066PJ2BN
323-0933-9
Dia. 1.13, Dia.1.32 type
SMA(R)-200-088PJ2BN
323-0935-4
Dia. 1.37 type
1/4-36UNS-2A
17
1.7
9.55
8
2∞Ø2.6
+0.1
0
5.9
●Panel cut-out
1/4-36UNS-2A
17
8 HEX
1.5
11
5.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com