| Electronic Components Datasheet Search |
|
TLRH1032 Datasheet(PDF) 13 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLRH1032 Datasheet(HTML) 13 Page - Toshiba Semiconductor |
|
13 / 17 page ![]() TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F) 2006-06-06 13 Cleaning When cleaning is required after soldering, Toshiba recommends the following cleaning solvents. It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the recommended conditions). In selecting the one for your actual usage, please perform sufficient review on washing condition, using condition and etc. ASAHI CLEAN AK-225AES : (made by ASAHI GLASS) KAO CLEAN TROUGH 750H : (made by KAO) PINE ALPHA ST-100S : (made by ARAKAWA CHEMICAL) TOSHIBA TECHNOCARE : (made by GE TOSHIBA SILICONES) (FRW-17, FRW-1, FRV-100) Precaution when mounting Do not apply force to the plastic part of the LED under high-temperature conditions. To avoid damaging the LED plastic, do not apply friction using a hard material. When installing the PCB in a product, ensure that the device does not come into contact with other cmponents. Tape Specifications 1. Product number format The type of package used for shipment is denoted by a symbol suffix after the product number. The method of classification is as below. (However, this method does not apply to products whose electrical/optical characteristics differ from standard Toshiba specifications) (1) Tape Type: T14 (4-mm pitch) (2) Example 2. Handling precautions Tape material protected against static electricity. However, static electricity may occur depending on quantity of charged static electricity and a device may attach to a tape, or a device may be unstable when peeling a tape cover. (a) Since tape materials may accumulate an electrostatic charge, use an ionizer to neutralize the ambient air. (b) For transport and temporary storage of devices, use containers (boxes and bags) and jigs that are made of anti-static materials or of materials which dissipate electrostatic charge. (T14,F) TLRH1032 Pb-free product Toshiba product No. Tape type |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |