Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH1032 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLRH1032
Description  Panel Circuit Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH1032 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLRH1032 Datasheet HTML 1Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 2Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 3Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 4Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 5Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 6Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 7Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 8Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
2006-06-06
1
TOSHIBA LED Lamps
TLRH1032(T14,F), TLRMH1032(T14,F), TLSH1032(T14,F),
TLOH1032(T14,F), TLYH1032(T14,F), TLGH1032(T14,F),
TLFGH1032(T14,F)
Panel Circuit Indicator
• Surface-mount devices
• 1.6 (L) × 0.8 (W) × 0.45 (H) mm (including lead length)
• InGaAℓP LEDs
• High luminous intensity and low power consumption
• Colors: red, orange, yellow, green, pure green
• Lead(Pb)-free reflow soldering is possible
• Applications: Backlighting for LCDs and switches for automotive
applications.
• Standard embossed tape packing: T14 (4000/reel)
4-mm pitch
Color and Material
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-1A1
Weight: 0.001 g (typ.)
Product Name
Color
Material
TLRH1032
Red
TLRMH1032
Red
TLSH1032
Red
TLOH1032
Orange
TLYH1032
Yellow
TLGH1032
Green
TLFGH1032
Fresh Green
InGaAℓP


Similar Part No. - TLRH1032

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH1100 TOSHIBA-TLRH1100 Datasheet
371Kb / 10P
PANEL CIRCUIT INDICATOR
TLRH1100B TOSHIBA-TLRH1100B Datasheet
292Kb / 13P
Panel Circuit Indicator
TLRH1100T09 TOSHIBA-TLRH1100T09 Datasheet
371Kb / 10P
PANEL CIRCUIT INDICATOR
TLRH1102 TOSHIBA-TLRH1102 Datasheet
292Kb / 6P
SMT LEDs
logo
Marktech Corporate
TLRH1102B MARKTECH-TLRH1102B Datasheet
364Kb / 13P
Panel Circuit Indicator
More results

Similar Description - TLRH1032

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLOH190P TOSHIBA-TLOH190P_06 Datasheet
167Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com