Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH1032 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLRH1032
Description  Panel Circuit Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH1032 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLRH1032 Datasheet HTML 1Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 2Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 3Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 4Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 5Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 6Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 7Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 8Page - Toshiba Semiconductor TLRH1032 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
2006-06-06
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRH1032
25
56
125
NA / PA / QA
TLRMH1032
40
85
200
PA / QA / RA
TLSH1032
63
160
320
QA / RA / SA
TLOH1032
100
200
500
RA / SA / TA
TLYH1032
40
100
200
PA / QA / RA
TLGH1032
25
60
125
NA / PA / QA
TLFGH1032
10
25
50
20
LA / MA / NA
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
LA
10
20
MA
16
32
NA
25
50
PA
40
80
QA
63
125
RA
100
200
SA
160
320
TA
250
500
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRH1032
⎯
644
⎯
17
624
630
638
TLRMH1032
⎯
636
⎯
17
620
626
634
TLSH1032
⎯
623
⎯
17
607
613
621
TLOH1032
⎯
612
⎯
17
599
605
613
TLYH1032
⎯
590
⎯
13
581
587
595
TLGH1032
⎯
574
⎯
13
565
571
576
TLFGH1032
⎯
568
⎯
11
560
565
571
20
Unit
nm
nm
nm
mA
The cautions
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com