Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201F104F Datasheet(PDF) 11 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201F104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201F104F Datasheet(HTML) 11 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201F104F Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 11 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
7-5. X6S Dielectric 0201, 0402, 0603, 0805, 1206, 1210 Sizes
Dielectric
X6S
Size
0201
0402
0603
0805
1206
1210
Rated Voltage (VDC)
4
6.3 10 16 25 6.3 10
16
25
4
6.3
10
16
25
4
6.3 10 16 25 50 6.3 10
16
25
50 6.3 10
16
25
50
0.10
µF (104) L L L L L
0.15
µF (154)
0.22
µF (224)
L
L*
0.33
µF (334)
0.47
µF (474) L
E
0.68
µF (684)
1.0
µF (105)
L*
N
N
N
E
1.5
µF (155)
2.2
µF (225)
E
E
E
X
X
X
X
3.3
µF (335)
4.7
µF (475)
X
X
X
X
I
I
6.8uF (685)
10
µF (106)
E*
X* X* X* X*
I
I
I
I
I
P
22
µF (226)
X* X*
I*
I*
I*
I*
P
P*
P
M
47
µF (476)
I*
I*
P
M
M
M
100
µF (107)
M* M*
1. The letter in cell is expressed the symbol of product thickness.
2. The letter in cell with “ * ” mark is expressed product not in 10% (code “K”) tolerance.
7-6. X7S Dielectric 0402, 0603, 0805, 1206, 1210 Sizes
Dielectric
X7S
Size
0201
0402
0603
0805
1206
1210
Rated Voltage (VDC)
10V
6.3
10
16
6.3
10
16
25
10
16
25
50
100
6.3
10
16
25
50
6.3
10
16
25
50
0.1
µF (104) L
I
1.0
µF (105)
E
1.5
µF (155)
2.2
µF (225)
E
E
X
X
3.3
µF (335)
4.7
µF (475)
X
X
I
6.8uF (685)
10
µF (106)
I
I
22
µF (226)
P*
47
µF (476)
P*
100
µF (107)
M*
1. The letter in cell is expressed the symbol of product thickness.
2. The letter in cell with “ * ” mark is expressed product not in 10% (code “K”) tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com