Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201F104F Datasheet(PDF) 12 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201F104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201F104F Datasheet(HTML) 12 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201F104F Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 12 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
8. PACKAGING STYLE AND QUANTITY
Size
Thickness (mm)/Symbol
Paper tape
Plastic tape
7” reel
13” reel
7” reel
13” reel
0201 (0603)
0.30±0.03
L
15,000
70,000
-
-
0.30±0.05
L
15,000
-
-
-
0.30±0.09
L
15,000
-
-
-
0402 (1005)
0.50±0.05
N
10,000
50,000
-
-
0.50+0.02/-0.05
Q
10,000
50,000
-
-
0.50±0.20
E
10,000
-
-
-
0603 (1608)
0.50±0.10
H
4,000
-
-
-
0.80±0.07
S
4,000
15,000
-
-
0.80+0.15/-0.10
X
4,000
15,000
-
-
0805 (2012)
0.50±0.10
H
4,000
15,000
-
-
0.60±0.10
A
4,000
15,000
-
-
0.80±0.10
B
4,000
15,000
-
-
0.85±0.10
T
4,000
15,000
-
-
1.25±0.10
D
-
-
3,000
10,000
1.25±0.20
I
-
-
3,000
10,000
1206 (3216)
0.80±0.10
B
4,000
15,000
-
-
0.85±0.10
T
4,000
15,000
-
-
0.95±0.10
C
-
-
3,000
10,000
1.15±0.15
J
-
-
3,000
10,000
1.25±0.10
D
-
-
3,000
10,000
1.60±0.20
G
-
-
2,000
10,000
1.60+0.30/-0.10
P
-
-
2,000
9,000
1210 (3225)
0.85±0.10
T
-
-
3,000
10,000
0.95±0.10
C
-
-
3,000
10,000
1.25±0.10
D
-
-
3,000
10,000
1.60±0.20
G
-
-
2,000
-
2.00±0.20
K
-
-
1,000
6,000
2.50±0.30
M
-
-
1,000
6,000
1808 (4520)
1.25±0.10
D
-
-
2,000
10,000
1.40±0.15
F
-
-
2,000
10,000
1.60±0.20
G
-
-
2,000
8,000
2.00±0.20
K
-
-
1,000
6,000
1812 (4532)
1.25±0.10
D
-
-
1,000
5,000
1.60±0.20
G
-
-
1,000
-
2.00±0.20
K
-
-
1,000
-
2.50±0.30
M
-
-
500
3,000
2.80±0.30
U
-
-
500
-
Unit: pieces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com