Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201F104F Datasheet(PDF) 16 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201F104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201F104F Datasheet(HTML) 16 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201F104F Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION 0201F104F Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 16 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
No.
Item
Test Condition
Requirements
7. Adhesive Strength
of Termination
* Pressurizing force:
2N (0201) and 5N (
≤0603) and 10N (>0603)
* Test time: 10±1 sec.
* No remarkable damage or removal of the terminations.
8. Vibration Resistance * Vibration frequency: 10~55 Hz/min.
* Total amplitude: 1.5mm
* Test time: 6 hrs. (Two hrs each in three mutually
perpendicular directions.)
*Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then set for 24± 2 hrs
at room temp.
*Cap./DF(Q) Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change and Q/D.F.: To meet initial spec.
9. Solderability
* Solder temperature: 235±5°C
* Dipping time: 2±0.5 sec.
95% min. coverage of all metalized area.
10. Bending Test
* The middle part of substrate shall be pressurized by
means of the pressurizing rod at a rate of about 1 mm per
second until the deflection becomes 1 mm and then the
pressure shall be maintained for 5±1 sec.
*Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then set for 24± 2 hrs
at room temp.
* Measurement to be made after keeping at room temp.
for 24±2 hrs.
* No remarkable damage.
* Cap change:
NP0: within ±5% or 0.5pF whichever is larger
X7R, X5R, X6S, X7S: within ±12.5%
Y5V: within ±30%
(This capacitance change means the change of capacitance under
specified flexure of substrate from the capacitance measured before the
test.)
11. Resistance to
Soldering Heat
* Solder temperature: 260±5°C
* Dipping time: 10±1 sec
* Preheating: 120 to 150°C for 1 minute before imme rse
the capacitor in a eutectic solder.
*Before initial measurement (Class II only): To apply
de-aging at 150°C for 1hr then set for 24±2 hrs at room
temp.
*Cap. / DF(Q) / I.R. Measurement to be made after
de-aging at 150°C for 1hr then set for 24±2 hrs at room
temp.
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or 0.25pF whichever is larger
X7R, X5R, X6S, X7S: within ±7.5%
Y5V: within ±20%
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
* 25% max. leaching on each edge.
12. Temperature Cycle
* Conduct the five cycles according to the temperatures
and time.
Step
Temp. (°C)
Time (min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0
30±3
4
Room temp.
2~3
*Before initial measurement (Class II only): To apply
de-aging at 150°C for 1hr then set for 24±2 hrs at room
temp.
* Cap. / DF(Q) / I.R. Measurement to be made after
de-aging at 150°C for 1hr then set for 24±2 hrs at room
temp.
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or 0.25pF whichever is larger
X7R, X5R, X6S, X7S: within ±7.5%
Y5V: within ±20%
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com