Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6527 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6527 Datasheet HTML 1Page - Monolithic Power Systems MP6527 Datasheet HTML 2Page - Monolithic Power Systems MP6527 Datasheet HTML 3Page - Monolithic Power Systems MP6527 Datasheet HTML 4Page - Monolithic Power Systems MP6527 Datasheet HTML 5Page - Monolithic Power Systems MP6527 Datasheet HTML 6Page - Monolithic Power Systems MP6527 Datasheet HTML 7Page - Monolithic Power Systems MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
2
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION
MCU
MP6527
VS
OUT1
OUT2
OUT7
GND
EN
DO
CLK
DI
CS
VCC
VCC
M
VVS
OUT8
OUT9
M
OUT10
M
VBATT
OUT3
OUT4
M
OUT5
OUT6
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com