Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6527 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems MP6527 Datasheet HTML 10Page - Monolithic Power Systems MP6527 Datasheet HTML 11Page - Monolithic Power Systems MP6527 Datasheet HTML 12Page - Monolithic Power Systems MP6527 Datasheet HTML 13Page - Monolithic Power Systems MP6527 Datasheet HTML 14Page - Monolithic Power Systems MP6527 Datasheet HTML 15Page - Monolithic Power Systems MP6527 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
12
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP6527 is a 10-channel, half-bridge double-
DMOS
output
driver
with
integrated
power
MOSFETs.
The IC’s 10 half-bridges can be
controlled separately via a standard serial data
interface, and have various diagnostic functions.
Serial Interface
Data transfer starts with the falling edge signal of
the CS pin. Execution of new input data is enabled
on the rising edge of the CS signal. Data must
appear at the DI pin synchronized to the CLK pin,
and is accepted on the falling edge of the CLK
signal. For DI, the MSB (SRR, bit[15]) must be
transferred first. The last 16 bits clocked into DI
are transferred to the device’s data register if there
is no frame error. Otherwise, all DI data is ignored
and the previous input data is preserved.
The output data at the DO pin is enabled on the
falling edge of CS. In addition to the 16-bit status
data, a pseudo-bit (PRE_15) can also be retrieved
from
the
DO
output.
The
latched
thermal
shutdown (TSD) status bit (PRE_15) is available
on DO until the first rising CLK edge after CS goes
low. The output data changes their state with the
CLK rising edge, and remains stable until the next
CLK rising edge appears. When CS is high, DO is
in a tri-state condition.
The following conditions must be met for a valid
TSD read to be captured:
1. CLK and DI are low before the CS cycle begins.
2. CS transitions from high to low.
3. The CS set-up time is satisfied.
Figure 3 shows the SPI communication. Table 1
and Table 2 show the input control registers. Table
3 and Table 4 show the output diagnostic registers.
CS
DI
CLK
DO
DO
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PRE_15
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 3: Data Transfer
Table 1: Input Control Registers (Channels 1 to 6, Input Bit[14] = 0)
Channels 1 to 6 (Input Bit[14] = 0)
Bit
Input Register
Function
15
SRR
Status register reset.
1: Reset, the error bits of the corresponding status register in the output data
register are set to low
0: Not reset, SRR is invalid
14
CH_SEL
This bit selects the channel group.
1: Half-bridge, bits[10:7]
0: Half-bridge, bits [6:1]
13
OLSD_EN
This bit enables open-load detection shutdown (OLD_SD) for half-bridge 1 (HB1)
to half-bridge 6 (HB6). This feature allows the affected output stage to switch off
if a true open-load or under-load condition is detected.
1: Enabled
0: Disabled
12
HBEN6
Enables half-bridge 6.
1: Half-bridge 6 is active
0: Half-bridge 6 is in Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com