Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6527 Datasheet (PDF) - Monolithic Power Systems

MP6527 Datasheet PDF - Monolithic Power Systems
Part # MP6527
Download  MP6527 Download
File Size   1376.35 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control

MP6527 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6527 Datasheet PDF - Monolithic Power Systems

Part # MP6527
Download  MP6527 Click to download

File Size   1376.35 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control

MP6527 Datasheet (HTML) - Monolithic Power Systems


MP6527 Product details

DESCRIPTION
The MP6527 is a ten-channel, half-bridge DMOS output driver with integrated power MOSFETs. It can achieve up to 0.8A of output current (IOUT) across a wide 5.5V to 40V input voltage (VIN) range from.
The device’s ten half-bridges can be controlled separately via a standard serial data interface, and each channel has various diagnostic functions. The MP6527 has very low quiescent current (IQ) in standby mode.
Full protection features include short-circuit protection (SCP), over-temperature protection (OTP), under-voltage lockout (UVLO) protection, over-voltage lockout (OVLO) protection, and thermal shutdown with pre-warning.
The MP6527 requires a minimal number of readily available, standard external components, and is available in a TSSOP-28EP package.

FEATURES
 Wide 5.5V to 40V Operating Input Voltage (VIN) Range
 High-Side MOSFETs (HS-FETs) and Low-Side MOSFETs (LS-FETs) Connected in Half-Bridge Configurations
 Up to 0.8A Output Current (IOUT)
 Typical 1.3Ω HS-FET and LS-FET RDS(ON)
 Low Quiescent Current (IQ) in Standby Mode
 Short-Circuit Protection (SCP)
 Over-Temperature Protection (OTP)
 Under-Voltage Lockout (UVLO) and Over-Voltage Lockout (OVLO) Protection
 Serial Data Interface
 Diagnostic Functions:
o Shorted Output
o Open-Load Detection
o Over-Temperature (OT)
o Over-Voltage (OV)
o Under-Voltage (UV)
 Up to 5MHz Serial Interface Clock Frequency
 Compliance with 3.3V and 5V Systems
 Available in a TSSOP-28EP Package

APPLICATIONS
 Automotive and Industrial Applications
 DC Motors




Similar Part No. - MP6527

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6520GV MPS-MP6520GV Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6522 MPS-MP6522 Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6522GU MPS-MP6522GU Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6528 MPS-MP6528 Datasheet
1Mb / 17P
5V to 60V, H-Bridge Gate Driver
More results


Similar Description - MP6527

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6836 ATMEL-ATA6836 Datasheet
434Kb / 20P
Hex Half-bridge Driver with Serial Input Control
ATA6838 ATMEL-ATA6838 Datasheet
389Kb / 18P
Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_09 Datasheet
443Kb / 20P
Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_10 Datasheet
458Kb / 21P
Hex Half-bridge Driver with Serial Input Control
ATA6836C ATMEL-ATA6836C_14 Datasheet
851Kb / 21P
Hex Half-bridge Driver with Serial Input Control
ATA6838C ATMEL-ATA6838C_14 Datasheet
590Kb / 18P
Hex Half-bridge Driver with Serial Input Control
logo
Monolithic Power System...
MPQ6523 MPS-MPQ6523 Datasheet
809Kb / 16P
Triple Half-Bridge Motor Driver with Serial Input Control AEC-Q100 Qualified
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
Hex Half-Bridge Motor Driver with Serial Input Control
MPQ6626 MPS-MPQ6626 Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
MPQ6628 MPS-MPQ6628 Datasheet
717Kb / 24P
40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 11/8/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com