Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11139 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ACT11139
Description  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11139 Datasheet(HTML) 2 Page - Texas Instruments

  74ACT11139 Datasheet HTML 1Page - Texas Instruments 74ACT11139 Datasheet HTML 2Page - Texas Instruments 74ACT11139 Datasheet HTML 3Page - Texas Instruments 74ACT11139 Datasheet HTML 4Page - Texas Instruments 74ACT11139 Datasheet HTML 5Page - Texas Instruments 74ACT11139 Datasheet HTML 6Page - Texas Instruments 74ACT11139 Datasheet HTML 7Page - Texas Instruments 74ACT11139 Datasheet HTML 8Page - Texas Instruments 74ACT11139 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74ACT11139
DUAL 2LINE TO 4LINE DECODER/DEMULTIPLEXER
SCAS175A − SEPTEMBER 1991 − REVISED APRIL 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1G
DMUX
1
15
1A
13
1Y0
16
0
1Y1
1
1
1Y2
2
2
1Y3
3
3
2
14
1B
10
2A
11
2Y0
5
2Y1
6
2Y2
7
2Y3
8
9
2B
2G
G
0
3
logic diagram (positive logic)
1A
1Y3
1Y2
1Y1
1Y0
15
16
1
2
3
1B
14
13
2A
2Y3
2Y2
2Y1
2Y0
10
6
7
8
2B
9
11
5
2G
1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com