Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11139 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11139
Description  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11139 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11139 Datasheet HTML 1Page - Texas Instruments 74ACT11139 Datasheet HTML 2Page - Texas Instruments 74ACT11139 Datasheet HTML 3Page - Texas Instruments 74ACT11139 Datasheet HTML 4Page - Texas Instruments 74ACT11139 Datasheet HTML 5Page - Texas Instruments 74ACT11139 Datasheet HTML 6Page - Texas Instruments 74ACT11139 Datasheet HTML 7Page - Texas Instruments 74ACT11139 Datasheet HTML 8Page - Texas Instruments 74ACT11139 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74ACT11139
DUAL 2LINE TO 4LINE DECODER/DEMULTIPLEXER
SCAS175A − SEPTEMBER 1991 − REVISED APRIL 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −50 A
4.5 V
4.4
4.4
IOH = −50 mA
5.5 V
5.4
5.4
VOH
IOH = −24 mA
4.5 V
3.94
3.8
V
VOH
IOH = −24 mA
5.5 V
4.94
4.8
V
IOH = −75 mA†
5.5 V
3.85
IOL = 50 A
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.44
V
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
mA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
3.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
1.7
5.7
7.8
1.7
8.5
ns
tPHL
A or B
Y
2.1
5.5
7.4
2.1
8.5
ns
tPLH
G
Y
2.7
5.3
7.2
2.7
7.9
ns
tPHL
G
Y
1.8
4.3
6.7
1.8
7.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
47
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com