Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11139 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11139
Description  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11139 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11139 Datasheet HTML 1Page - Texas Instruments 74ACT11139 Datasheet HTML 2Page - Texas Instruments 74ACT11139 Datasheet HTML 3Page - Texas Instruments 74ACT11139 Datasheet HTML 4Page - Texas Instruments 74ACT11139 Datasheet HTML 5Page - Texas Instruments 74ACT11139 Datasheet HTML 6Page - Texas Instruments 74ACT11139 Datasheet HTML 7Page - Texas Instruments 74ACT11139 Datasheet HTML 8Page - Texas Instruments 74ACT11139 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74ACT11139
DUAL 2LINE TO 4LINE DECODER/DEMULTIPLEXER
SCAS175A − SEPTEMBER 1991 − REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Inputs Are TTL-Voltage Compatible
D Designed Specifically for High-Speed
Memory Decoders and Data Transmission
Systems
D Incorporates Two Enable Inputs to Simplify
Cascading and/or Data Reception
D Fully Synchronous Operation for Counting
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (D) and Thin Shrink
Small-Outline (PW) Packages, and
Standard Plastic 300-mil DIPs (N)
description
The 74ACT11139 is designed for use in high-performance memory-decoding or data-routing applications that
require very short propagation delay times. In high-performance memory systems, this decoder is used to
minimize the effects of system decoding.
The 74ACT11139 is composed of two individual 2-line to 4-line decoders in a single package. The active-low
enables (1G or 2G) can be used as data lines in demultiplexing applications. This decoder/demultiplexer
features fully buffered inputs, each of which represents only one normalized load to its driving circuit.
The 74ACT11139 is characterized for operation from −40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
G
B
A
Y0
Y1
Y2
Y3
H
X
X
H
H
H
H
L
LLL
HHH
L
LH
H
LH
H
L
HLH
HLH
L
H
H
H
H
H
L
Copyright
 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1Y1
1Y2
1Y3
GND
2Y0
2Y1
2Y2
2Y3
1Y0
1A
1B
1G
VCC
2G
2A
2B
D, N, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT11139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139 Datasheet
892Kb / 15P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139D TI-74ACT11139D Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139D TI1-74ACT11139D Datasheet
892Kb / 15P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139DR TI-74ACT11139DR Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
More results

Similar Description - 74ACT11139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
Dual 2-to-4-Line Decoder/Demultiplexer
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_08 Datasheet
856Kb / 20P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
246Kb / 9P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A-Q1 TI1-SN74LVC139A-Q1 Datasheet
236Kb / 10P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139_15 Datasheet
892Kb / 15P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com