| Electronic Components Datasheet Search |
|
AMC80AIPWR.A Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AMC80AIPWR.A Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 31 page ![]() AMC80 SBOS559B – MAY 2011 – REVISED OCTOBER 2015 www.ti.com 7.5 Register Map 7.5.1 Configuration Register Table 3. Configuration Register (Address = 00h, Default = 08h) BIT NAME TYPE DESCRIPTION 0 Start R/W '1' enables startup of monitoring activity; '0' puts device in shutdown mode. 1 INT Enable R/W '1' enables the INT output. 2 INT Polarity Select R/W '1' selects active-high, open-source output; '0' selects active-low, open-drain output. '1' disables the INT output without affecting the contents of the Interrupt Status Registers. 3 INT_Clear R/W The device stops monitoring and resumes on a '0'. '1' outputs an active-low reset signal at RST_OUT, if bit 7 and bit 6 in the Fan Divisor/ 4 RESET R/W Register (address 05h) are set to '1' and '0', respectively. This bit is cleared when the pulse becomes inactive. 5 Chassis Clear R/W '1' clears the GPI/CI pin. This bit clears itself after 10ms. 6 GPO R/W '1' drives the GPO pin low. 7 INITIALIZATION R/W '1' restores power-on-default values to the registers. This bit is self-clearing 7.5.2 Interrupt Status Registers Table 4. Interrupt Status Register 1 (Address = 01h, Default = xxh; see Table 2) BIT NAME TYPE DESCRIPTION 0 CH0 Read '1' indicates a high or low limit has been exceeded. 1 CH1 Read '1' indicates a high or low limit has been exceeded. 2 CH2 Read '1' indicates a high or low limit has been exceeded. 3 CH3 Read '1' indicates a high or low limit has been exceeded. 4 CH4 Read '1' indicates a high or low limit has been exceeded. 5 CH5 Read '1' indicates a high or low limit has been exceeded. 6 CH6 Read '1' indicates a high or low limit has been exceeded. 7 INT_IN Read '1' indicates that a low signal has been detected on the INT_IN pin. Table 5. Interrupt Status Register 2 (Address = 02h, Default = xxh; see Table 2) BIT NAME TYPE DESCRIPTION '1' indicates a high or low limit has been exceeded. One-Time Interrupt and Default Interrupt 0 Hot Temperature Read modes are supported and can be set by bit 6 of Interrupt Mask Register 2 (address 04h). 1 BTI Read '1' indicates that an interrupt has occurred from the BTI input pin. 2 FAN 1 Read '1' indicates that a fan count limit has been exceeded. 3 FAN 2 Read '1' indicates that a fan count limit has been exceeded. 4 GPI/CI Read '1' indidates that GPI/CI has gone high. '1' indicates a high or low temperature limit has been exceeded. One-Time Interrupt and 5 OS Read Default Interrupt modes are supported and can be set by bit 7 of Interrupt Mask Register 2 (address 04h). 6 Reserved Read This bit is reserved. 7 Reserved Read This bit is reserved. 16 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: AMC80 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |