| Electronic Components Datasheet Search |
|
AMC80AIPWR.A Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AMC80AIPWR.A Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 31 page ![]() AMC80 SBOS559B – MAY 2011 – REVISED OCTOBER 2015 www.ti.com 6.5 Electrical Characteristics At TA –40°C to +125°C and V+ = 3 V to 5.5 V, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DIGITAL INPUTS VIH Input high voltage 2 V VIL Input low voltage 0.8 V V+ = 3.3 V 0.23 V VHYS Hysteresis voltage V+ = 5 V 0.33 V VIH = V+, all pins except BTI –1 –0.005 µA IIH Input high current VIH = V+, BTI pin –10 –1 µA VIL = 0 V, all pins except BTI 0.005 1 µA IIL Input low current VIL = 0 V, V+ = 5.5 V, BTI pin 2 mA CIN Input capacitance 20 pF ANALOG INPUTS Default 0 2.56 V VIN Input voltage range Programmable 0 V+ V IL-ON Input leakage current (on) ±0.005 µA IL-OFF Input leakage current (off) ±0.005 µA RIN Input resistance 2 10 k Ω DIGITAL OUTPUTS (A0/NTEST_OUT, INT) VOH Output high voltage IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V 2.4 V VOL Output low voltage IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V 0.4 V DIGITAL OPEN-DRAIN OUTPUTS (GPO, RST_OUT/OS, GPI/CI, SDA) IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V, 0.4 all pins except SDA VOL Output low voltage V IOUT = 4 mA, V+ = 3 V, SDA pin 0.4 IOH Output high current VOUT = V+ 0.005 1 µA tw Pulse duration RST_OUT/OS, GPI/CI 10 22.5 ms SMBus SMBus timeout(1) 28 35 ms TEMPERATURE ERROR TA = –40°C to +125°C ±3 °C TE Temperature error TA = –25°C to +100°C ±2 °C TR Temperature resolution 0.0625 °C ANALOG-TO-DIGITAL CONVERTER VIN = 2.56 V 2.5 VR Resolution mV VIN = V+ 6 DNL Differential linearity –1 1 LSB(2) ADCERR Total unadjusted error(3) –1% 1% ±0.0008 PSRR Power supply rejection ratio % tC (4) Total conversion time 662 728 810 ms (1) The SMBus timeout in the AMC80 resets the interface anytime SCL or SDA is low for over 28 ms. (2) LSB means least significant bit. (3) Total unadjusted error contains offset, gain, and linearity errors of the ADC. (4) Total conversion time contains the temperature conversion, the seven analog input voltage conversions, and the two tachometer readings. 6 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: AMC80 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |