| Electronic Components Datasheet Search |
|
AMC80AIPWR.A Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AMC80AIPWR.A Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 31 page ![]() SCL SDA t (LOW) t R t F t (HDSTA) t (HDSTA) t (HDDAT) t (BUF) t (SUDAT) t (HIGH) t (SUSTA) t (SUSTO) P S S P AMC80 SBOS559B – MAY 2011 – REVISED OCTOBER 2015 www.ti.com 6.6 Timing Requirements At TA –40°C to +125°C and VS = 3V to 5.5V, unless otherwise noted. FAST MODE(1) HIGH-SPEED MODE(1) MIN MAX MIN MAX UNIT f(SCL) SCL operating frequency 10 400 10 3400 kHz t(BUF) Bus free time between STOP and START conditions 600 160 ns Hold time after repeated START condition. After this t(HDSTA) 600 160 ns period, the first clock is generated. t(SUSTA) Repeated START condition setup time 600 160 ns t(SUSTO) STOP condition setup time 600 160 ns t(HDDAT) Data hold time 0(2) 0(3) ns t(SUDAT) Data setup time 100 10 ns t(LOW) Clock low period 1300 160 ns t(HIGH) Clock high period 600 60 ns tR Clock/Data input rise time 300 160 ns tF Clock/Data input fall time 300 160 ns (1) Values based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not specified and not production tested. (2) For cases when the fall time of SCL is less than 20 ns and/or the rise time or fall time of SDA is less than 20 ns, the hold time should be greater than 20 ns. (3) For cases when the fall time of SCL is less than 10 ns and/or the rise or fall time of SDA is less than 10 ns, the hold time should be greater than 10 ns. Figure 1. Serial Bus Interface Timing 8 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: AMC80 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |