Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3790 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFAM3790
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3790 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFAM3790 Datasheet HTML 1Page - Qorvo, Inc RFAM3790 Datasheet HTML 2Page - Qorvo, Inc RFAM3790 Datasheet HTML 3Page - Qorvo, Inc RFAM3790 Datasheet HTML 4Page - Qorvo, Inc RFAM3790 Datasheet HTML 5Page - Qorvo, Inc RFAM3790 Datasheet HTML 6Page - Qorvo, Inc RFAM3790 Datasheet HTML 7Page - Qorvo, Inc RFAM3790 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RFAM3790
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
Data Sheet Rev.D, Oct 07, 2021 | Subject to change without notice
1 of 8
www.qorvo.com
®
Product Description
The RFAM3790 is an Integrated Edge QAM Amplifier
Module. The part employs GaAs pHEMT die, GaAs
MESFET die, a 20dB range variable attenuator and a
power enable feature, has high output capability, and is
operated from 45MHz to 1218MHz. It provides excellent
linearity and superior return loss performance with low
noise and optimal reliability.
9 pin, 11.0 mm x 11.0 mm x 1.375 mm package
Product Features
• Excellent Linearity
• Extremely High Output Capability
• Voltage Controlled Attenuator
• Power Enable Featrure
• Extremely Low Distortion
• Optimal Reliability
• Low Noise
• Unconditionally Stable Under all Terminations
• 28.5 dB Typical Gain at 1218MHz
• 410mA Typical at 12VDC
Functional Block Diagram
Power Enable
INPUT
OUTPUT
Preamp
Driver
V+
Att. adjust
Applications
• 45MHz to 1218MHz Downstream Edge QAM
RF Modulators
• Headend Equipment
Ordering Information
Part No.
Description
RFAM3790SB
Sample bag 5 pcs
RFAM3790SR
7” Reel with 100 pcs
RFAM3790TR7
7” Reel with 250 pcs
RFAM3790PCBA-410
Fully assembled Evaluation Board


Similar Part No. - RFAM3790

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
RFAM3790PCBA-410 RFMD-RFAM3790PCBA-410 Datasheet
309Kb / 7P
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
RFAM3790PCK-410 RFMD-RFAM3790PCK-410 Datasheet
309Kb / 7P
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
RFAM3790SB RFMD-RFAM3790SB Datasheet
309Kb / 7P
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
RFAM3790SQ RFMD-RFAM3790SQ Datasheet
309Kb / 7P
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
More results

Similar Description - RFAM3790

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
Integrated QAM IF Downconverter
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
20-45 GHz GaAs Amplifier
logo
TriQuint Semiconductor
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
RFCM3316 RFMD-RFCM3316 Datasheet
271Kb / 8P
45-1218MHZ GAAS/G POWER DOUBLER MODULE
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
45-1218MHZ GAAS/GAN PUSH PULL MODULE
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
75 11dB CATV Push Pull Amplifier 45 ??1218MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com