Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3790 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFAM3790
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3790 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFAM3790 Datasheet HTML 1Page - Qorvo, Inc RFAM3790 Datasheet HTML 2Page - Qorvo, Inc RFAM3790 Datasheet HTML 3Page - Qorvo, Inc RFAM3790 Datasheet HTML 4Page - Qorvo, Inc RFAM3790 Datasheet HTML 5Page - Qorvo, Inc RFAM3790 Datasheet HTML 6Page - Qorvo, Inc RFAM3790 Datasheet HTML 7Page - Qorvo, Inc RFAM3790 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RFAM3790
Data Sheet Rev.D, Oct 07, 2021 | Subject to change without notice
2 of 8
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Value / Range
DC Supply over-voltage (5 minutes)
+14 V
Storage Temperature
−40 to 110 °C
Operating Mounting Base Temperature
−30 to 110 °C
Operation of this device outside the parameter ranges given above may
cause permanent damage.
Electrical Specifications
Parameter
Conditions (V+=12V, TMB=30°C, ZS=ZL=75)
Min
Typ
Max
Units
Operational Frequency Range
–
5
–
300
MHz
Current (IDD)
–
180
195
210
mA
Gain
fo = 5 MHz
35.1
dB
Gain
fo = 300 MHz
34.8
35.3
36.5
Gain Flatness
5 to 300 MHz
 
–
1.0
Gain Slope
5 to 300 MHz [1]
-0.2
+0.2
1.0
Input Return Loss
fo= 5 to 220 MHz
20
–
dB
fo= 220 to 300 MHz
18
–
Output Return Loss
fo= 5 to 220 MHz
20
–
dB
fo= 220 to 300 MHz
18
–
Noise Figure
fo= 300 MHz
–
3.9
4.1
dB
CTB
7 ch flat; Vo = 50 dBmV [2]
-72
dBc
XMOD
-63
dBc
CSO
-75
dBc
CTB
28 ch flat; Vo = 46 dBmV [3]
-65
dBc
XMOD
-58
dBc
CSO
-70
dBc
Electrical Specifications
Parameter
Conditions (V+=12V, TMB=30°C, ZS=ZL=75)
Min
Typ
Max
Units
Operational Frequency Range
–
5
–
300
MHz
Current (IDD)
–
180
195
210
mA
Gain
fo = 5 MHz
35.1
dB
Gain
fo = 300 MHz
34.8
35.3
36.5
Gain Flatness
5 to 300 MHz
 
–
1.0
Gain Slope
5 to 300 MHz [1]
-0.2
+0.2
1.0
Input Return Loss
fo= 5 to 220 MHz
20
–
dB
fo= 220 to 300 MHz
18
–
Output Return Loss
fo= 5 to 220 MHz
20
–
dB
fo= 220 to 300 MHz
18
–
Noise Figure
fo= 300 MHz
–
3.9
4.1
dB
CTB
7 ch flat; Vo = 50 dBmV [2]
-72
dBc
XMOD
-63
dBc
CSO
-75
dBc
CTB
28 ch flat; Vo = 46 dBmV [3]
-65
dBc
XMOD
-58
dBc
CSO
-70
dBc
CTB
-62
-59
dBc
Electrical Specifications
Parameter
Conditions (V+=12V, TMB=30°C, ZS=ZL=75 ATT=0dB)
Min
Typ
Max
Unit
Power Gain
f=45MHz
27.0
dB
f=1218MHz
27.5
28.5
29.5
dB
Slope [1]
f=45MHz to 1218MHz
0.5
1.5
2.5
dB
Flatness of Frequency Response
f=45MHz to 1218MHz (Peak to Valley)
0.5
1.0
dB
Input Return Loss
f=45MHz to 1003MHz
18
dB
f=1003MHz to 1218MHz
16
dB
Output Return Loss
f=45MHz to 1003MHz
15
dB
f=1003MHz to 1218MHz
15
dB
Noise Figure
f=50MHz to 1218MHz
4.0
5.0
dB
Total Current Consumption (DC)
410
450
mA
Attenuator
V+=12V, TMB=30°C, ZS=ZL=75
Attenuator Range
Attenuator Voltage 0V to 12V
0 to 20
dB
Power Enable/Disable
V+=12V, TMB=30°C, ZS=ZL=75
Logic high (3.3V) applied to power enable pin [2]
Amp
enabled
Logic low (0V) applied to power enable pin [3]
Amp
disabled



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com