Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3790 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFAM3790
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3790 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFAM3790 Datasheet HTML 1Page - Qorvo, Inc RFAM3790 Datasheet HTML 2Page - Qorvo, Inc RFAM3790 Datasheet HTML 3Page - Qorvo, Inc RFAM3790 Datasheet HTML 4Page - Qorvo, Inc RFAM3790 Datasheet HTML 5Page - Qorvo, Inc RFAM3790 Datasheet HTML 6Page - Qorvo, Inc RFAM3790 Datasheet HTML 7Page - Qorvo, Inc RFAM3790 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RFAM3790
Data Sheet Rev.D, Oct 07, 2021 | Subject to change without notice
4 of 8
www.qorvo.com
®
Evaluation Board Assembly Drawing
Note:
Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. A via drill diameter of 0.4mm and a
minimum via wall copper plating thickness of 25um is recommended. Open vias are preferred to allow flux and gases to escape during reflow soldering
and therefore to minimize voiding. Underneath this via array a heat sink with thermal grease needs to be placed which is able to dissipate the complete
module DC power (up to 5 Watts). In any case the module backside temperature should not exceed 110 °C.
Evaluation Board Schematic
C4
4.7nF
C2
4.7nF
C1
DNI
D2
MM3Z5V6T1
R1
2.7k
Ω
D3
TGL34-33A
C3
4.7nF
C5
4.7nF
C7
DNI
D1
TQP200002
25V
FB1
Bead 60
Ω
T1
RFXF0006
T2
RFXF0008
V+
RF INPUT
RF OUTPUT
1
2
3
4
5
6
7
8
9
C6
4.7nF
Power
Enable
Att.
Adjust
GND
U1
RFAM3790
C9
4.7nF
C8
4.7nF
D4
TQP200002
25V
T3
RFXF0009
D1
D4
D3
D2
EVALUATION-BOARD RFAM2790 ED A533
C4
C8
R1
C7
C1
C2
C3
C6
Fb1
C5
C9
TR3
TR2
TR1
ADJUST
J1
J2
V+
POWER
ENABLE
ATT
GND
RF_OUT
RF_IN
RFAM3790PCBA-410



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com