Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030AV Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA2030AV
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030AV Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA2030AV Datasheet HTML 10Page - STMicroelectronics TDA2030AV Datasheet HTML 11Page - STMicroelectronics TDA2030AV Datasheet HTML 12Page - STMicroelectronics TDA2030AV Datasheet HTML 13Page - STMicroelectronics TDA2030AV Datasheet HTML 14Page - STMicroelectronics TDA2030AV Datasheet HTML 15Page - STMicroelectronics TDA2030AV Datasheet HTML 16Page - STMicroelectronics TDA2030AV Datasheet HTML 17Page - STMicroelectronics TDA2030AV Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Transient intermodulation distortion (TIM)
TDA2030A
14/23
Doc ID 1459 Rev 2
4
Transient intermodulation distortion (TIM)
Transient intermodulation distortion is an unfortunate phenomen associated with negative-
feedback amplifiers. When a feedback amplifier receives an input signal which rises very
steeply, i.e. contains high-frequency components, the feedback can arrive too late so that
the amplifiers overloads and a burst of intermodulation distortion will be produced as in
Figure 25. Since transients occur frequently in music this obviously a problem for the
designer of audio amplifiers. Unfortunately, heavy negative feedback is frequency used to
reduce the total harmonic distortion of an amplifier, which tends to aggravate the transient
intermodulation (TIM situation). The best known method for the measurement of TIM
consists of feeding sine waves superimposed onto square waves, into the amplifier under
test. The output spectrum is then examined using a spectrum analyser and compared to the
input. This method suffers from serious disadvantages : the accuracy is limited, the
measurement is a rather delicate operation and an expensive spectrum analyser is
essential. A new approach applied by STMicroelectronics to monolithic amplifiers
measurement is fast, cheap (it requires nothing more sophisticated than an oscilloscope)
and sensitive - and it can be used for values as low as 0.002% in high-power amplifiers.
Figure 25.
Overshoot phenomenon in feedback amplifiers
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com