Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030AV Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA2030AV
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030AV Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA2030AV Datasheet HTML 11Page - STMicroelectronics TDA2030AV Datasheet HTML 12Page - STMicroelectronics TDA2030AV Datasheet HTML 13Page - STMicroelectronics TDA2030AV Datasheet HTML 14Page - STMicroelectronics TDA2030AV Datasheet HTML 15Page - STMicroelectronics TDA2030AV Datasheet HTML 16Page - STMicroelectronics TDA2030AV Datasheet HTML 17Page - STMicroelectronics TDA2030AV Datasheet HTML 18Page - STMicroelectronics TDA2030AV Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TDA2030A
Transient intermodulation distortion (TIM)
Doc ID 1459 Rev 2
15/23
The "inverting-sawtooth" method of measurement is based on the response of an amplifier
to a 20 kHz sawtooth waveform. The amplifier has no difficulty following the slow ramp, but it
cannot follow the fast edge. The output will follow the upper line in Figure 26 cutting of the
shaded area and thus increasing the mean level. If this output signal is filtered to remove the
sawtooth, direct voltage remains which indicates the amount of TIM distortion, although it is
difficult to measure because it is indistinguishable from the DC offset of the amplifier. This
problem is neatly avoided in the IS-TIM method by periodically inverting the sawtooth
waveform at a low audio frequency as shown in Figure 27.
Figure 26.
20 kHz sawtooth waveform
Figure 27.
Inverting sawtooth waveform
In the case of the sawtooth in Figure 27 the mean level was increased by the TIM distortion,
for a sawtooth in the other direction, the opposite is true. The result is an AC signal at the
output whose peak-to-peak value is the TIM voltage, which can be measured easily with an
oscilloscope. If the peak-to-peak value of the signal and the peak-to-peak of the inverting
sawtooth are measured, the TIM can be found very simply from:
In Figure 28 the experimental results are shown for the 30 W amplifier using the TDA2030A
as a driver and a low-cost complementary pair. A simple RC filter on the input of the
amplifier to limit the maximum signal slope (SS) is an effective way to reduce TIM.
TIM
V
OUT
V
sawtooth
------------------------ 100
⋅
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com