Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030AV Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA2030AV
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030AV Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA2030AV Datasheet HTML 12Page - STMicroelectronics TDA2030AV Datasheet HTML 13Page - STMicroelectronics TDA2030AV Datasheet HTML 14Page - STMicroelectronics TDA2030AV Datasheet HTML 15Page - STMicroelectronics TDA2030AV Datasheet HTML 16Page - STMicroelectronics TDA2030AV Datasheet HTML 17Page - STMicroelectronics TDA2030AV Datasheet HTML 18Page - STMicroelectronics TDA2030AV Datasheet HTML 19Page - STMicroelectronics TDA2030AV Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Transient intermodulation distortion (TIM)
TDA2030A
16/23
Doc ID 1459 Rev 2
Figure 28.
TIM distortion versus output power
The diagram of Figure 29 originated by STMicroelectronics can be used to find the slew
rate (SR) required for a given output power or voltage and a TIM design target.
For example if an anti-TIM filter with a cutoff at 30 kHz is used and the max. peak-to-peak
output voltage is 20 V then, referring to the diagram, a slew rate of 6 V/ms is necessary for
0.1% TIM. As shown slew rates of above 10 V/ms do not contribute to a further reduction in
TIM.
Slew rates of 100 V/ms are not only useless but also a disadvantage in hi-fi audio amplifiers
because they tend to turn the amplifier into a radio receiver.
Figure 29.
TIM design diagram (fC = 30 kHz)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com