Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474VCH6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32G474VCH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCH6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32G474VCH6 Datasheet HTML 86Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 87Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 88Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 89Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 90Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 91Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 92Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 93Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 232 page
background image
IDD (LPRun)
Supply current
in Low-power
run mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
455
725
1350
2250
3800
720
1500 3700
6000
11000
µA
1 MHz
280
545
1200
2100
3600
570
1300 3500
5800
11000
250 KHz
160
435
1100
2000
3500
410
1100 3400
5700 10000
62.5 KHz
130
405
1050
1950
3500
390
1000 3400
5600
11000
SYSCLK source is HSI16
all peripherals disable
2 MHz
920
1200 1850
2750
4250
1300 2000 4200
6600
11000
1 MHz
780
1100 1700
2650
4150
1200 1900 4100
6500
11000
250 KHz
725
980
1600
2500
4050
1100 1800 4100
6400
11000
62.5 KHz
720
955
1600
2500
4000
1100 1700 4000
6300
11000
Table 21. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single Bank, ART enable (Cache ON Prefetch OFF) (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com