Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474VCH6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32G474VCH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCH6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32G474VCH6 Datasheet HTML 9Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 10Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 11Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 12Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 13Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 14Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 15Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 16Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 232 page
background image
DS12288 Rev 1
13/232
STM32G474xB STM32G474xC STM32G474xE
Description
47
2
Description
The STM32G474xB/xC/xE devices are based on the high-performance Arm® Cortex®-M4
32-bit RISC core. They operate at a frequency of up to 170 MHz.
The Cortex-M4 core features a single-precision floating-point unit (FPU), which supports all
the Arm single-precision data-processing instructions and all the data types. It also
implements a full set of DSP (digital signal processing) instructions and a memory protection
unit (MPU) which enhances the application’s security.
These devices embed high-speed memories (512 Kbytes of Flash memory, and 128 Kbytes
of SRAM), a flexible external memory controller (FSMC) for static memories (for devices
with packages of 100 pins and more), a Quad SPI Flash memory interface, and an
extensive range of enhanced I/Os and peripherals connected to two APB buses, two AHB
buses and a 32-bit multi-AHB bus matrix.
The devices also embed several protection mechanisms for embedded Flash memory and
SRAM: readout protection, write protection, securable memory area and proprietary code
readout protection.
The devices embed peripherals allowing mathematical/arithmetic function acceleration
(CORDIC for trigonometric functions and FMAC unit for filter functions).
They offer five fast 12-bit ADCs (5 Msps), seven comparators, six operational amplifiers,
seven DAC channels (3 external and 4 internal), an internal voltage reference buffer, a low-
power RTC, two general-purpose 32-bit timers, three 16-bit PWM timers dedicated to motor
control, seven general-purpose 16-bit timers, and one 16-bit low-power timer, and high
resolution timer with 184 ps resolution.
They also feature standard and advanced communication interfaces such as:
•
Four I2Cs
•
Four SPIs multiplexed with two half duplex I2Ss
•
Three USARTs, two UARTs and one low-power UART.
•
Three FDCANs
•
One SAI
•
USB device
•
UCPD
The devices operate in the -40 to +85 °C (+105 °C junction), -40 to +105 °C (+125 °C
junction) and -40 to +125 °C (+130 °C junction) temperature ranges from a 1.71 to 3.6 V
power supply. A comprehensive set of power-saving modes allows the design of low-power
applications.
Some independent power supplies are supported including an analog independent supply
input for ADC, DAC, OPAMPs and comparators. A VBAT input allows backup of the RTC
and the registers.
The STM32G474xB/xC/xE family offers 8 packages from 48-pin to 128-pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com