Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474VCH6 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32G474VCH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCH6 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32G474VCH6 Datasheet HTML 90Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 91Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 92Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 93Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 94Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 95Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 96Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 97Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 232 page
background image
IDD (LPRun)
Supply current
in Low-power
run mode
SYSCLK source is HSE
in bypass mode
all peripherals disable
2 MHz
505
700
1300
2250
3950
780
1500 3800
6000 11000
µA
1 MHz
295
500
1100
2050
3750
540
1300 3600
5900 11000
250 KHz
145
350
970
1900
3600
410
1100 3400
5700 11000
62.5 KHz
110
310
935
1850
3550
380
1100 3400
5700 11000
SYSCLK source is HSI16
all peripherals disable
2 MHz
940
1150 1800
2700
4400
1300 2100 4400
6600 11000
1 MHz
830
1000 1600
2550
4250
1200 1900 4300
6500 11000
250 KHz
700
890
1500
2400
4100
1000 1800 4100
6400 11000
62.5 KHz
645
855
1450
2400
4100
1100 1800 4100
6400 11000
Table 23. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single bank, ART disable (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com