Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM83 Datasheet(PDF) 2 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 2 Page - Microchip Technology

  BM83 Datasheet HTML 1Page - Microchip Technology BM83 Datasheet HTML 2Page - Microchip Technology BM83 Datasheet HTML 3Page - Microchip Technology BM83 Datasheet HTML 4Page - Microchip Technology BM83 Datasheet HTML 5Page - Microchip Technology BM83 Datasheet HTML 6Page - Microchip Technology BM83 Datasheet HTML 7Page - Microchip Technology BM83 Datasheet HTML 8Page - Microchip Technology BM83 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
The BM83 module supports the following Bluetooth profiles and codecs:
• Profiles:
– Hands-free Profile (HFP) 1.7, Headset Profile (HSP) 1.2, Advanced Audio Distribution Profile (A2DP) 1.3,
Serial Port Profile (SPP) 1.2, Audio/Video Remote Control Profile (AVRCP) 1.6, and Phone Book Access
Profile (PBAP) 1.2
• Codecs:
– Advanced Audio Codec (AAC) and Sub-band Coding (SBC)
Features
• Qualified for Bluetooth v5.0 Specification:
– HFP 1.7, HSP 1.2, A2DP 1.3, SPP 1.2, AVRCP 1.6, and PBAP 1.2
– Bluetooth classic (BR/EDR) and Bluetooth Low Energy
– General Attribute Profile (GATT) and General Access Profile (GAP)
– Bluetooth Low Energy Data Length Extension (DLE) and secure connection
• SDK:
– 8051 MCU debugging
– 24-bit program counter and data pointer modes
• Multi-Link:
– A2DP (maximum 3 devices)
– HFP (maximum 3 devices)
• Multi-Speaker (MSPK) Solution:
– Microchip's proprietary solution to connect a master speaker to one or more slave speakers
– With MSPK firmware, the BM83 can provide Concert mode and Stereo mode
• Audio Transceiver (AT) Solution:
– With AT firmware, the BM83 can work as either an A2DP source (where BM83 is the transmitter) or
A2DP/HFP sink (where BM83 is a receiver)
• Audio Interfaces:
– Stereo line input
– Two analog microphones
– One stereo digital microphone
– Stereo audio Digital-to-Analog converter (DAC)
– Inter-IC (I2S) Sound input/output
– I2S Master Clock (MCLK)/reference clock
• USB, UART, and Over-the-Air (OTA) Firmware Upgrade
• Built-In Lithium-Ion and Lithium Polymer Battery Charger (Up To 350 mA Charging Current)
• Compact Surface Mount Module:
– 32 mm x 15 mm x 2.5 mm
– Castellated surface mount pads
– Module shield
• Integrated 3V and 1.8V Configurable Switching Regulator and Low-Dropout (LDO)
RF/Analog
• Frequency Spectrum: 2.402 GHz to 2.480 GHz
• Receive Sensitivity: –90 dBm (2 Mbps EDR, at 0.01% BER)
• Programmable Transmit Output Power:
– Up to +10.4 dBm (typical) for Basic Data Rate (BDR)
– Up to +9.2 dBm (typical) for Enhanced Data Rate (EDR)
BM83
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com