Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM83 Datasheet(PDF) 52 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 52 Page - Microchip Technology

Back Button BM83 Datasheet HTML 48Page - Microchip Technology BM83 Datasheet HTML 49Page - Microchip Technology BM83 Datasheet HTML 50Page - Microchip Technology BM83 Datasheet HTML 51Page - Microchip Technology BM83 Datasheet HTML 52Page - Microchip Technology BM83 Datasheet HTML 53Page - Microchip Technology BM83 Datasheet HTML 54Page - Microchip Technology BM83 Datasheet HTML 55Page - Microchip Technology BM83 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
Figure 7-3. Polar Plots(1)
1.
The preceding figure illustrates the typical radiation pattern with BM83 module on the 45 mm x 45 mm BM83
Carrier Board.
The following table provides the characteristics of PCB antenna with BM83 Module mounted on BM83 Carrier Board,
plugged into BM83 EVB.
Table 7-1. BM83 PCB Antenna Characteristics
Parameter
Value
Frequency
2400 MHz to 2480 MHz
Peak Gain
3.5 dBi
Efficiency
80%
BM83
PCB Antenna Information
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com