Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM83 Datasheet(PDF) 70 Page - Microchip Technology

Part # BM83
Description  Microchip Technology [MICROCHIP]^97
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 70 Page - Microchip Technology

Back Button BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology BM83 Datasheet HTML 69Page - Microchip Technology BM83 Datasheet HTML 70Page - Microchip Technology BM83 Datasheet HTML 71Page - Microchip Technology BM83 Datasheet HTML 72Page - Microchip Technology BM83 Datasheet HTML 73Page - Microchip Technology BM83 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
The full text of the EU declaration of conformity for this product is available at www.microchip.com/design-centers/
wireless-connectivity/.
12.3.3
Helpful Websites
A document that can be used as a starting point in understanding the use of Short Range Devices (SRD) in Europe is
the European Radio Communications Committee (ERC) Recommendation 70-03 E, which can be downloaded from
the European Communications Committee (ECC) at: http://www.ecodocdb.dk/.
Additional helpful web sites are:
• Radio Equipment Directive (2014/53/EU):
https://ec.europa.eu/growth/single-market/european-standards/harmonised-standards/red_en
• European Conference of Postal and Telecommunications Administrations (CEPT):
http://www.cept.org
• European Telecommunications Standards Institute (ETSI):
http://www.etsi.org
• The Radio Equipment Directive Compliance Association (REDCA):
http://www.redca.eu/
12.4
Japan
The BM83 module has received type certification and is labeled with its own technical conformity mark and
certification number as required to conform to the technical standards regulated by the Ministry of Internal Affairs and
Communications (MIC) of Japan pursuant to the Radio Act of Japan.
Integration of this module into a final product does not require additional radio certification provided installation
instructions are followed and no modifications of the module are allowed. Additional testing may be required:
• If the host product is subject to electrical appliance safety (for example, powered from an AC mains), the host
product may require Product Safety Electrical Appliance and Material (PSE) testing. The integrator should
contact their conformance laboratory to determine if this testing is required
• There is an voluntary Electromagnetic Compatibility (EMC) test for the host product administered by VCCI:
www.vcci.jp/vcci_e/index.html
12.4.1
Labeling and User Information Requirements
The label on the final product which contains the BM83 module must follow Japan marking requirements. The
integrator of the module should refer to the labeling requirements for Japan available at the Ministry of Internal Affairs
and Communications (MIC) website.
For the BM83 module, due to a limited module size, the technical conformity logo and ID is displayed in the data
sheet and/or packaging and cannot be displayed on the module label. The final product in which this module is being
used must have a label referring to the type certified module inside:
For the BM83 module, due to a limited module size, the technical conformity logo and ID is displayed in the data
sheet and/or packaging and cannot be displayed on the module label. The final product in which this module is
being used must have a label referring to the type certified module inside:
005-102168
12.4.2
Helpful Web Sites
• Ministry of Internal Affairs and Communications (MIC): www.tele.soumu.go.jp/e/index.htm.
• Association of Radio Industries and Businesses (ARIB): www.arib.or.jp/english/.
BM83
Appendix A: Regulatory Approval
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com