Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6921 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F6921
Description  Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6921 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F6921 Datasheet HTML 3Page - Renesas Technology Corp F6921 Datasheet HTML 4Page - Renesas Technology Corp F6921 Datasheet HTML 5Page - Renesas Technology Corp F6921 Datasheet HTML 6Page - Renesas Technology Corp F6921 Datasheet HTML 7Page - Renesas Technology Corp F6921 Datasheet HTML 8Page - Renesas Technology Corp F6921 Datasheet HTML 9Page - Renesas Technology Corp F6921 Datasheet HTML 10Page - Renesas Technology Corp F6921 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
F6921 Datasheet
R35DS0092EU0102 Rev.1.02
Nov 14, 2024
Page 7
2.4.2. RF Electrical Specifications
Unless stated otherwise, all specifications are for VDD = 0.95V, IREF = 120μA, TAMB = 25°C, ZS = ZL = 50Ω,
fRF = 11.7GHz.
Parameter
Symbol
Condition
Minimum Typical Maximum Unit
Gain
G
-
-
19.5
-
dB
Gain Flatness vs. Frequency
GVAR_FREQ
fRF = 10.7 – 12.75 GHz
-
0.9
-
dB
Within any 250MHz
-
0.16
-
dB
Noise Figure
NF
-
-
1.4
-
dB
Output 1dB Compression Point
OP1dB
-
-
-7
-
dBm
Output 3rd Order Intercept Point
OIP3
Pin = -35 dBm/tone, Δf = 1MHz
-
2
-
dBm
Input Return Loss
IRL
-
-
22
-
dB
Output Return Loss
ORL
-
-
12
-
dB
Reverse Isolation
ISO
-
-
35
-
dB
Channel-to-channel Isolation
ISOCH-CH fRF= 10.7 – 12.75 GHz
37
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com